Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1019 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # H1019
Description  10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H1019 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  H1019 Datasheet HTML 1Page - List of Unclassifed Manufacturers H1019 Datasheet HTML 2Page - List of Unclassifed Manufacturers H1019 Datasheet HTML 3Page - List of Unclassifed Manufacturers H1019 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DISTRIBUTOR
10/100 BASE-T SINGLE PORT
TRANSFORMER MODULES
With 1:1 Transmit Turns Ratios
4
H303.K (5/03)
This line of 10/100Base-TX magnetics modules has
been specifically designed for the implementation of
a 10Base-T and 100Base-TX transmission over data
grade unshielded twisted pair cable (UTP-5).
The modules provide excellent EMI filtering and are
suitable for adapter card and multiport applications.
Pulse has worked closely with the leading IC
manufacturers in providing these 10/100 solutions,
thereby assuringcompatibility with each transceiver.
Additionally, each solution meets the stringent open
circuit inductance requirements imposed by IEEE.
When an 8 mA DC current is applied across the
transformer windings, the transformer will provide
at least 350 µH. The transformers used in each
module also provide 1500 Vrms minimum isolation,
wide band width with minimal attenuation and fast
rise times to minimize system level jitter. The
H1086 provides a slower rise time for use with
National’s DP83843. The H1117 pin out is
optimized for Kendin’s KS8731 and KS8732. The
HX1148 and HX1178 provide an extended
temperature operating range (-40° to +85°C).
Surface mount devices manufactured by Pulse
are designed to meet all published specifications
after exposure to surface mount soldering
temperatures. The SMT modules in this data sheet
are transfer-molded in IC style packaging, making
them robust enough to withstand convection and
infrared reflow solder temperatures of up to 235°C.
Additionally, compliant leads provide excellent
solder-joint reliability with a coplanarity of ±.002"
(0,05 mm).
NOTE: Modules are packaged in tubes, unless Tape & Reel
is specified. Please add the suffix “T” (such as H1012T) for Tape &
Reel orders.
Application Notes
.157
3,99
.079
2,01
8
1.59
40,39
1.73
43,94
.012
0,30
5° MAX
DRAFT ANGLE
.059
1,50
o
.004
0,10
.000
0,00
1.000
25,40
.945
24,00
.365
9,27
.610
15,49
.395
10,03
.079
MIN
2,01
o
.069
1,75
.795
20,19
PE-68515L, PE-68517L, H1042
Tape & Reel Specifications
Weight . . . . . . . .3.5 grams
Tube . . . . . . . . . . . .20/tube
Tape & Reel . . . . . .160/reel
.157
3,99
.079
2,01
1.59
40,39
1.73
43,94
.012
0,30
3° MAX
DRAFT ANGLE
.059
1,50
o
.004
0,10
.000
0,00
1.016
25,81
.945
24,00
.236
5,99
.650
16,51
.276
7,01
.069
1,75
.795
20,19
.413
10,49
Weight . . . . . . . .3.0 grams
Tube . . . . . . . . . . . .20/tube
Tape & Reel . . . . . .300/reel
H1012, H1019, H1086, H1089, H1117,
H1138, HX1148, HX1178
Printed on recycled paper. ©Copyright, 2003. Pulse Engineering, Inc. All rights reserved.
For More Information :
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
UNITED STATES
(Worldwide)
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
http://www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
UNITED KINGDOM
(Northern Europe)
1 & 2 Huxley Road
The Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
HONG KONG
(China/Hong Kong)
9/F, Phase 2, Tai Sang
Shatin Warehouse Centre
6 Wong Chuk Yeung Street
Fotan Shatin, Hong Kong
TEL: 852 2788 6588
FAX: 852 2776 1055


Similar Part No. - H1019

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1019 PULSE-H1019 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
H1019NL PULSE-H1019NL Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
H1019NL4 PULSE-H1019NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1019NL4 PULSE-H1019NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1019NL4 PULSE-H1019NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H1019

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522 BOTHHAND-16ST8522 Datasheet
151Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H303 PULSE-H303_15 Datasheet
419Kb / 3P
   10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NLT PULSE-H1012NLT Datasheet
418Kb / 4P
   10/100 Base-T Single Port Transformer Modules
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST8516 BOTHHAND-16ST8516 Datasheet
185Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522C BOTHHAND-16ST8522C Datasheet
157Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com