Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9005A Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9005A
Description  Serial Digital Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9005A Datasheet(HTML) 2 Page - Gennum Corporation

  GS9005A Datasheet HTML 1Page - Gennum Corporation GS9005A Datasheet HTML 2Page - Gennum Corporation GS9005A Datasheet HTML 3Page - Gennum Corporation GS9005A Datasheet HTML 4Page - Gennum Corporation GS9005A Datasheet HTML 5Page - Gennum Corporation GS9005A Datasheet HTML 6Page - Gennum Corporation GS9005A Datasheet HTML 7Page - Gennum Corporation GS9005A Datasheet HTML 8Page - Gennum Corporation GS9005A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
520 - 28 - 11
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VS
Operating Range
4.75
5.0
5.25
V
Power Consumption
PD
-
500
700
mW
Supply Current (Total)
IS
-
122
160
mA
see Figure13
Serial Data &
- High
VOH
TA = 25°C
-1.025
-
-0.88
V
with respect to VCC
Clock Output
- Low
VOL
TA = 25°C
-1.9
-
-1.6
V
Logic Inputs
- High
VIH MIN
+2.0
-
-
V
with respect to VEE
- Low
VIL MAX
-
-
+0.8
V
with respect to VEE
Carrier Detect
VCDL
RL = 10 kΩ to VCC
-
0.2
0.4
V
Output Voltage
VCDH
4.0
5.0
-
V
Signal Strength
VSS
See Note 2
-0.6
-
0
V
with respect to VCC
Indicator Output
Direct Digital Input
VDDI
200
-
2000
mVp-p
Differential Drive
Levels (5, 6)
Serial Data Bit Rate
BRSDO
TA = 25°C
100
-
400
Mb/s
Serial Clock Frequency
ƒSLK
TA = 25°C
100
-
400
MHz
see Figure11
Output Signal Swing
VO
TA = 25°C
700
800
900
mV p-p
see Figure12
Serial Data to Serial Clock
td
See Waveforms
-
-500
-
ps
Data lags Clock
Lock Times
tLOCK
See Note 1
-
-
10
µs
Equalizer Gain
AVEQ
TA = 25°C
30
36
-
dB
at 135 MHz
Jitter
tJ
TA = 25°C
-
± 100
-
ps p-p
see Figure15
0 metres, 270 Mb/s
Input Resistance (SDI/SDI)
RIN
TA = 25˚C
3k
5k
-
see Figure14
Input Capacitance (SDI/SDI)
CIN
TA = 25˚C
-
1.8
-
pF
see Figure14
Output Eye Monitor
VOEM
RL = 50Ω to VCC
-
40
-
mVp-p
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE / UNITS
Supply Voltage
5.5 V
Input Voltage Range (any input)
V
CC
+0.5 to V
EE
-0.5 V
DC Input Current (any one input)
5 mA
Power Dissipation
750 mW
Operating Temperature Range
0
°C ≤ T
A
≤70°C
Storage Temperature Range
-65
°C ≤ T
S≤150°C
Lead Temperature (soldering, 10 seconds)
260
°C
V
S
= 5V, T
A
= 0
°C to 70°C, R
L
= 100
Ω to (V
CC
- 2V) unless otherwise shown.
(1, 10, 20, 21)
GS9005A RECEIVER DC ELECTRICAL CHARACTERISTICS
with respect to VCC
with respect to V
EE
Open
Collector - Active High
V
S
= 5V, T
A
= 0
°C to 70°C, R
L
= 100
Ω to (V
CC
- 2V) unless otherwise shown.
GS9005A RECEIVER AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Synchronization
NOTES: 1. Switching between two sources of the same data rate.
2. With weaker signals VSS approaches VCC.
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION


Similar Part No. - GS9005A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9005B GENNUM-GS9005B Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCPJ GENNUM-GS9005BCPJ Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9005BCPJ GENNUM-GS9005BCPJ Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCPJE3 GENNUM-GS9005BCPJE3 Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results

Similar Description - GS9005A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com