Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS82512Q Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GMS82512Q
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82512Q Datasheet(HTML) 5 Page - Hynix Semiconductor

  GMS82512Q Datasheet HTML 1Page - Hynix Semiconductor GMS82512Q Datasheet HTML 2Page - Hynix Semiconductor GMS82512Q Datasheet HTML 3Page - Hynix Semiconductor GMS82512Q Datasheet HTML 4Page - Hynix Semiconductor GMS82512Q Datasheet HTML 5Page - Hynix Semiconductor GMS82512Q Datasheet HTML 6Page - Hynix Semiconductor GMS82512Q Datasheet HTML 7Page - Hynix Semiconductor GMS82512Q Datasheet HTML 8Page - Hynix Semiconductor GMS82512Q Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
2
FEB. 2000 Ver 1.00
1.3 Development Tools
The GMS825xx is supported by a full-featured macro as-
sembler, an in-circuit emulator CHOICE-Jr.TM and OTP
programmers. There are third different type programmers
such as emulator add-on board type, single type, gang type.
For mode detail, Refer to “20. OTP PROGRAMMING” on
page 63. Macro assembler operates under the MS-Win-
dows 95/98TM.
Please contact sales part of HYUNDAI MicroElectronics.
1.4 Ordering Information
Device name
ROM Size
RAM size
Package
Mask version
GMS82512 K
GMS82512 Q
GMS82516 K
GMS82516 Q
GMS82524 K
GMS82524 Q
12K bytes
12K bytes
16K bytes
16K bytes
24K bytes
24K bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
42SDIP
44QFP
42SDIP
44QFP
42SDIP
44QFP
OTP version
GMS82524T K
GMS82524T Q
24K bytes OTP
24K bytes OTP
448 bytes
448 bytes
42SDIP
44QFP


Similar Part No. - GMS82512Q

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS82512Q HYNIX-GMS82512Q Datasheet
1Mb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS82512Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com