Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS82512Q Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GMS82512Q
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82512Q Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button GMS82512Q Datasheet HTML 5Page - Hynix Semiconductor GMS82512Q Datasheet HTML 6Page - Hynix Semiconductor GMS82512Q Datasheet HTML 7Page - Hynix Semiconductor GMS82512Q Datasheet HTML 8Page - Hynix Semiconductor GMS82512Q Datasheet HTML 9Page - Hynix Semiconductor GMS82512Q Datasheet HTML 10Page - Hynix Semiconductor GMS82512Q Datasheet HTML 11Page - Hynix Semiconductor GMS82512Q Datasheet HTML 12Page - Hynix Semiconductor GMS82512Q Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
6
FEB. 2000 Ver 1.00
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
TEST: Used for Test Mode. For normal operation, it
should be connected to VDD.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
R00~R07: R0 is an 8-bit CMOS bidirectional I/O port. R0
pins 1 or 0 written to the Port Direction Register, can be
used as outputs or inputs.
R20~R27: R2 is an 8-bit CMOS bidirectional I/O port. R2
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
R30~R37: R3 is an 8-bit CMOS bidirectional I/O port. R3
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
R40~R44: R4 is an 5-bit CMOS bidirectional I/O port. R4
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R4 serves the functions of the various follow-
ing special features.
R54~R55: R5 is an 2-bit CMOS bidirectional I/O port. R5
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R5 serves the functions of the various follow-
ing special features.
R64~R67: R6 is an 4-bit CMOS bidirectional I/O port. R6
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R6 is shared with the ADC input.
AVDD: Supply voltage to the ladder resistor of ADC cir-
cuit. To enhance the resolution of analog to digital convert-
er, use independent power source as well as possible, other
than digital power source.
Port pin
Alternate function
R40
R41
R42
R43
R44
INT0 (External interrupt 0)
INT1 (External interrupt 1)
INT2 (External interrupt 2)
INT3 (External interrupt 3)
EC0 (Event counter input 0)
Port pin
Alternate function
R54
R55
WDTO (Watchdog Timer output)
BUZ (Buzzer driver output)
Port pin
Alternate function
R64
R66
R66
R67
AN4 (Analog Input 4)
AN5 (Analog Input 5)
AN6 (Analog Input 6)
AN7 (Analog Input 7)


Similar Part No. - GMS82512Q

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS82512Q HYNIX-GMS82512Q Datasheet
1Mb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS82512Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com