Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7110 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GM7110
Description  1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM7110 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GM7110 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM7110 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM7110 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM7110 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM7110 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM7110 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM7110 Datasheet HTML 9Page - List of Unclassifed Manufacturers GM7110 Datasheet HTML 10Page - List of Unclassifed Manufacturers GM7110 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
GM7110-ADJ
7V - 40V
Unregulated
DC Input
+V
IN
1
C
IN
GND 3
5
2
4
D1
MBR360
L1
R2
R1
Output
Feedback
V
=5.0V
OUT
C
OUT
+
+
L
O
A
D
Figure 1(b).Adjustable Output Voltage Versions
V
= V
( 1 +
)
OUT
REF
R2 = R1 (
-1)
where V
= 1.23V, R1 between 1k and 5k.
REF
R2
R1
V
OUT
V
REF
330 µF
100 µF
330 µH
ON/ OFF
Figure 2. Switch Saturation Voltage
1.2
1.0
0.8
0.6
0.4
0
0.2
0.4
0.6
0.8
1.0
SWITCH CURRENT (A)
T = - 55°C
J
2.0
1.5
1.0
0.5
0
-75 -50 -25
0
25
50
75 100 125 150
JUNCTION TEMPERATURE (°C)
Figure 3. Dropout Voltage
DVOUT = 5%
R
= 0.2W
IND
I
= 1A
LOAD
I
= 200mA
LOAD
Typical Performance Characteristics
T = - 25°C
J
T = 150°C
J
A
A
MICROELECTRONICS
GM7110
Power Management
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR


Similar Part No. - GM7110

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110 Datasheet
2Mb / 1P
   PWM Switching Regulators
GM7110-12TA5R GAMMA-GM7110-12TA5R Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7110-12TA5T GAMMA-GM7110-12TA5T Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7110-12TB5BT GAMMA-GM7110-12TB5BT Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7110-12TB5R GAMMA-GM7110-12TB5R Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - GM7110

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com