Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G930T61B Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G930T61B
Description  3.5V 400mA Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G930T61B Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G930T61B Datasheet HTML 1Page - Global Mixed-mode Technology Inc G930T61B Datasheet HTML 2Page - Global Mixed-mode Technology Inc G930T61B Datasheet HTML 3Page - Global Mixed-mode Technology Inc G930T61B Datasheet HTML 4Page - Global Mixed-mode Technology Inc G930T61B Datasheet HTML 5Page - Global Mixed-mode Technology Inc G930T61B Datasheet HTML 6Page - Global Mixed-mode Technology Inc G930T61B Datasheet HTML 7Page - Global Mixed-mode Technology Inc G930T61B Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 4.5
May 13, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G930/G931
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage…………………………..……….………10V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature……………....……..150°C
Storage Temperature Range…..…..-65°C
≤ TJ ≤+150°C
Lead Temperature, Time for Wave Soldering
SOT-89 Package……………..………………...260°C, 4s
Continuous Power Dissipation (TA = +25°C)
SOT89
(1):…………………………………..……..…0.42W
Note (1) :See Recommended Minimum Footprint.
Operating Conditions
(Note 1)
Input Voltage……………………………………….4V~7V
Temperature Range……………………0°C
≤ TJ ≤125°C
Electrical Characteristics
VIN =5V, IO = 400mA, CIN = 1µF, COUT =10 µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
5mA < IO <400mA
3.43
3.5
3.605
V
Line Regulation
4V < VIN < 7V, IO = 10mA
22
mV
Load Regulation
50mA < IO < 400mA
30
mV
Output Impedance
100mA DC and 100mA AC, fo = 120Hz
103
m
Quiescent Current
VIN = 5V
0.6
mA
Ripple Rejection
fi = 120Hz, 1VP-P, Io = 100mA
42
dB
IO = 400mA
0.8
0.9
V
Dropout Voltage
IO = 100mA
125
150
mV
Short Circuit Current
0.77
A
Over Temperature
125
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating
Conditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal re-
sistance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient tem-
perature is Tjmax-TA /
θJA. If this dissipation is exceeded, the die temperature will rise above 130°C and IC
will go into thermal shutdown. For the G930/G931 in SOT 89 package,
θJA is 250°C/W. (See Recom-
mended Minimum Footprint). The safe operation in SOT 89, it can see “Typical Performance Characteris-
tics” (Safe Operating Area).
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as pos-
sible.
Note4: The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the regu-
lator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100mV below its nominal value, dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.


Similar Part No. - G930T61B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930T21U GMT-G930T21U Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
G930T21UF GMT-G930T21UF Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
More results

Similar Description - G930T61B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com