Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G930T73T Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G930T73T
Description  3.5V 400mA Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G930T73T Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G930T73T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G930T73T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G930T73T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G930T73T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G930T73T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G930T73T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G930T73T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G930T73T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ver: 4.5
May 13, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G930/G931
Global Mixed-mode Technology Inc.
µTO-92 (T8) Package
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
2.40
2.50
2.60
0.094
0.098
0.102
A1
0.70
0.80
0.90
0.028
0.032
0.036
b
0.35
0.45
0.55
0.014
0.018
0.022
C
-----
0.40
-----
-----
0.016
-----
D
2.80
3.00
3.20
0.110
0.118
0.126
E
3.80
4.00
4.20
0.149
0.157
0.165
e
-----
1.27
-----
-----
0.050
-----
F
1.91
2.11
2.31
0.075
0.083
0.091
G
3.35
3.55
3.75
0.132
0.140
0.148
H
0.00
-----
0.15
0.000
-----
0.006
L
13.80
14.00
14.20
0.543
0.551
0.559
θ
1
-----
-----
-----
-----
θ
2
-----
-----
-----
-----
Package Orientation
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
SOT 23 Package Orientation
Feed Direction
SOT 23 Package Orientation
Feed Direction
SOT 89、223 Package Orientation
Feed Direction
SOT 89、223 Package Orientation
E
D
L
H
e
b
θ2 (2 X)
θ1(2 X)
C
G
A1
A
R2
.0
0
E
D
L
H
e
b
θ2 (2 X)
θ1(2 X)
C
G
A1
A
R2
.0
0


Similar Part No. - G930T73T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930T21U GMT-G930T21U Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
G930T21UF GMT-G930T21UF Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
More results

Similar Description - G930T73T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com