Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M57120 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M57120
Description  HIGH VOLTAGE INPUT dc-dc CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M57120 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M57120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M57120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M57120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M57120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sep.1998
Application Circuit
MITSUBISHI HYBRID ICs
M57120L
HIGH VOLTAGE INPUT dc-dc CONVERTER
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
M57120L
Units
Input Voltage
VIN
11, 12-1 pin
380
Volts
Operating Temperature
Topr
There Should be
-10 ~ +75
°C
Storage Temperature
Tstg
No Condensation
-20 ~ +85
°C
Output Power
POW
4.4
Watts
Electrical Characteristics, VIN = 280V, Ta = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Source Voltage
VIN
Direct Current
113
280
380
Volts
Circuit Current
IB
VIN = 113V
5.4
6.0
mA
VIN = 280V
4.9
5.5
mA
VIN = 380V
5.3
5.9
mA
Output Voltage
VO
IL = 0 ~ 200mA
18
20
22
Volts
Load Current
IL
VIN = 113 ~ 380V
200
220
mA
Input Regulation
Reg-in
VIN = 113 ~ 380V
-0.8
-1.4
Volts
Output Regulation
Reg-out
IL = 0 ~ 200mA
1.2
2.0
Volts
INPUT
DC113V-380V
WHEN INPUT-OUTPUT GND ARE NOT SEPARATED
WHEN INPUT-OUTPUT GND ARE SEPARATED
M57120L-01
50V
47µF
50V
220µF
+
+
+
+
OUTPUT
11
1
1
2
2
6
12
5
INPUT
DC113V-380V
M57120L-01
50V
220µF
2.2µF
2.2µF
+
OUTPUT
50V
47µF
+
11 12
5
6
,
,


Similar Part No. - M57120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57115L-01 MITSUBISHI-M57115L-01 Datasheet
45Kb / 3P
   THE POWER SUPPLY DC-DC CONVERTER FOR IGBT MODULE GATE DRIVE
M57140-01 MITSUBISHI-M57140-01 Datasheet
49Kb / 4P
   IPM POWER SUPPLY HYBRID IC
logo
Isahaya Electronics Cor...
M57140-01 ISAHAYA-M57140-01 Datasheet
139Kb / 6P
   IPM POWER SUPPLY HYBRID IC
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
   Isolated DC-to-DC Converter
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results

Similar Description - M57120

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
   High Voltage Input DC-to-DC Converter
M57184N-715B POWEREX-M57184N-715B Datasheet
149Kb / 4P
   High Voltage Input DC-to-DC Converter
logo
Anpec Electronics Corop...
APW8802 ANPEC-APW8802 Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
logo
Toppower Electronic Tec...
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
MORNSUN Science& Techno...
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
LS03-05B05S-FPT MORNSUN-LS03-05B05S-FPT Datasheet
652Kb / 4P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com