Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38C32M1MXXXFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M38C32M1MXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C32M1MXXXFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M38C32M1MXXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38C32M1MXXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38C32M1MXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38C32M1MXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38C32M1MXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C32M1MXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C32M1MXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C32M1MXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38C32M1MXXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
4K
256
384
512
640
768
896
1024
192
RAM size (bytes)
36K
40K
44K
48K
Under development
M38C34M6A/M6M
Under development
M38C37ECA/ECM
Planning
M38C33M4
Products under development or planning : the development schedule and specification may be revised without notice.
Planning products may be stopped the development.
GROUP EXPANSION
Mitsubishi plans to expand the 38C3 group as follows.
Memory Type
Support for mask ROM, One Time PROM, and EPROM versions
Memory Size
ROM/PROM size ................................................ 16 K to 48 K bytes
RAM size ............................................................. 512 to 1024 bytes
Memory Expansion Plan
Fig. 4 Memory expansion plan
Currently planning products are listed below.
As of April 1998
Package
80P6N-A
80D0
80P6N-A
80D0
Product name
M38C34M6AXXXFP
M38C37ECAXXXFP
M38C37ECAFP
M38C37ECAFS
M38C34M6MXXXFP
M38C37ECMXXXFP
M38C37ECMFP
M38C37ECMFS
(P) ROM size (bytes)
ROM size for User in ( )
24576 (24446)
49152 (49022)
24576 (24446)
49152 (49022)
RAM size
(bytes)
640
1024
640
1024
Table 3 Support products
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Remarks
Packages
80P6N-A ..................................... 0.8 mm-pitch plastic molded QFP
80D0 ........................ 0.8 mm-pitch ceramic LCC (EPROM version)


Similar Part No. - M38C32M1MXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38C32M1MXXXFP RENESAS-M38C32M1MXXXFP Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38C32M1MXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com