Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38B43MBH-XXXXFP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M38B43MBH-XXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B43MBH-XXXXFP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M38B43MBH-XXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38B43MBH-XXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38B43MBH-XXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38B43MBH-XXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38B43MBH-XXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38B43MBH-XXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38B43MBH-XXXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38B43MBH-XXXXFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38B43MBH-XXXXFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
8
38B4 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Table 4 Push and pop instructions of accumulator or processor status register
Accumulator
Processor status register
Push instruction to stack
PHA
PHP
Pop instruction from stack
PLA
PLP
Fig. 6 Register push and pop at interrupt generation and subroutine call
Note: Condition for acceptance of an interrupt
Interrupt enable flag is “1”
Execute JSR
On-going Routine
M (S)(PCH)
(S)
(S) – 1
M (S)(PCL)
Execute RTS
(PCL)M (S)
(S)
(S)– 1
(S)
(S) + 1
(S)
(S) + 1
(PCH)M (S)
Subroutine
POP return
address from stack
Push return address
on stack
M (S)(PS)
Execute RTI
(PS)M (S)
(S)
(S) – 1
(S)
(S) + 1
Interrupt
Service Routine
POP contents of
processor status
register from stack
M (S)(PCH)
(S)
(S) – 1
M (S)(PCL)
(S)
(S) – 1
(PCL)M (S)
(S)
(S) + 1
(S)
(S) + 1
(PCH)M (S)
POP return
address
from stack
I Flag is set from “0” to “1”
Fetch the jump vector
Push return address
on stack
Push contents of processor
status register on stack
Interrupt request
(Note)
Interrupt disable flag is “0”


Similar Part No. - M38B43MBH-XXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B50E1XXXFP RENESAS-M38B50E1XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E1XXXFS RENESAS-M38B50E1XXXFS Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFP RENESAS-M38B50E2XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFS RENESAS-M38B50E2XXXFS Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E3XXXFP RENESAS-M38B50E3XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38B43MBH-XXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com