Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G903T62T Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G903T62T
Description  3.3V 600mA Low Dropout Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G903T62T Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G903T62T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G903T62T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G903T62T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G903T62T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G903T62T Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ver: 1.4
Mar 03, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G903
Global Mixed-mode Technology Inc.
3.3V 600mA Low Dropout Regulator
Features
Dropout voltage typically 0.65V @ IO = 600mA
Output current in excess of 600mA
Output voltage accuracy +2%
Quiescent current, typically 0.3mA
Internal short circuit current limit
Internal over temperature protection
General Description
The G903 positive 3.3V voltage regulator features the
ability to source 600mA of output current with a
dropout voltage of typically 0.65V. A low quiescent
current is provided. The typical quiescent current is
0.3mA.
Familiar regulator features such as over temperature
and over current protection circuits are provided to
prevent it from being damaged by abnormal operating
conditions.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
PACKAGE
1
2
3
G903T63U
G903T63Uf
SOT223
GND
VOUT
VIN
G903T65U
G903T65Uf
SOT223
VIN
GND
VOUT
* For other package types, pin options and package, please contact us at sales@gmt.com.tw
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T6: SOT223
1
2
3
U & D : Tape & Reel Direction
1 : VOUT
GND
VIN
T : Tube
2 : VOUT
VIN
GND
B : Bag
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Package Type
Typical Application
[Note 4]: Type of COUT
Top View
1
2
3
Top View
Top View
1
2
3
SOT-223
V
IN
G903
C1
1µF
IQ
V
OUT
I
O
C
OUT
10µF
Top View
Top View
1
2
3
Top View
Top View
1
2
3
SOT-223
V
IN
G903
C1
1µF
IQ
V
OUT
I
O
C
OUT
10µF
V
IN
G903
C1
1µF
IQ
V
OUT
I
O
C
OUT
10µF


Similar Part No. - G903T62T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G903AD-DC110 ETC1-G903AD-DC110 Datasheet
40Kb / 2P
   Electric Heater,Air Conditioning, Automotive, Refrigeration Refrigeration, Appliances, Ventilator
logo
Global Mixed-mode Techn...
G903 GMT-G903_15 Datasheet
66Kb / 1P
   3.3V 600mA Low Dropout Regulator
More results

Similar Description - G903T62T

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G933 GMT-G933 Datasheet
81Kb / 1P
   3.3V 600mA Low Dropout Regulator
G903 GMT-G903_15 Datasheet
66Kb / 1P
   3.3V 600mA Low Dropout Regulator
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_06 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com