Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G528P1UF Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G528P1UF
Description  USB High-Side Power Switch Advance Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G528P1UF Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G528P1UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G528P1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G528P1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G528P1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G528P1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G528P1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G528P1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G528P1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ver: 1.2
May 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G528/G528A
Global Mixed-mode Technology Inc.
Pin Description
PIN
G528
G528A
NAME
PIN FUNCTION
1
1
GND
Ground.
2,3
2,3
IN
Input Supply: Output MOSFET source, which also supplies IC's internal circuitry. Connect to
positive supply.
4
EN
Active-low switch enable input. A logic low turns on the switch.
4
EN
Active-High switch enable input. A logic High turns on the switch.
5
5
FLG
Open-Drain Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent, thermal
shutdown and UVLO.
6,7,8
6,7,8
OUT
Switch Output: Output MOSFET drain. Typically connect to switched side of load.
Typical Applications
Single-Port Self-Powered USB Hub Application
Function Block Diagrams
Upstream
V
100mA max.
VBUS
D+
D
GND
Data
GND
IN OUT
3.3 V USB Controller
VIN
ON/OFF
G528
OUT
GND
USB
Port
Data
D+
GND
Ferrite
Beads
GND
150µF
G911
EN
0.1µF
VCC
V
BUS
100mA max.
D
D
GND
Data
GND
IN
OUT
VIN
ON/OFF
OUT
GND
USB
Port
Data
V
BUS
D
-
Ferrite
Beads
1µF
GND
150µF
1µF
EN
0.1µF
OC
FLG
5.0V
10K
100K
IN
Upstream
V
100mA max.
VBUS
D+
D
GND
Data
GND
IN OUT
3.3 V USB Controller
VIN
ON/OFF
G528
OUT
GND
USB
Port
Data
D+
GND
Ferrite
Beads
GND
150µF
G911
EN
0.1µF
VCC
V
BUS
100mA max.
D
D
GND
Data
GND
IN
OUT
VIN
ON/OFF
OUT
GND
USB
Port
Data
V
BUS
D
-
Ferrite
Beads
1µF
GND
150µF
1µF
EN
0.1µF
OC
FLG
5.0V
10K
100K
IN
Upstream
V
100mA max.
VBUS
D+
D
GND
Data
GND
IN OUT
3.3 V USB Controller
VIN
ON/OFF
G528
OUT
GND
USB
Port
Data
D+
GND
Ferrite
Beads
GND
150µF
G911
EN
0.1µF
VCC
V
BUS
100mA max.
D
D
GND
Data
GND
IN
OUT
VIN
ON/OFF
OUT
GND
USB
Port
Data
V
BUS
D
-
Ferrite
Beads
1µF
GND
150µF
1µF
EN
0.1µF
OC
FLG
5.0V
10K
100K
IN
Clock
BandGap
Reference
UVLO
Thermal Sense
Overcurrent
Limiting
Gate Control
Current
Sense
CMP
IN
OUT
FLG
EN
GND
Clock
BandGap
Reference
UVLO
Thermal Sense
Overcurrent
Limiting
Gate Control
Current
Sense
CMP
IN
OUT
FLG
EN
GND


Similar Part No. - G528P1UF

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5280 HEYCO-G5280 Datasheet
114Kb / 1P
   Plugs for Square Tubing
logo
Global Mixed-mode Techn...
G5281 GMT-G5281 Datasheet
350Kb / 1P
   Slew Rate Controlled Load Switch
logo
Heyco.
G5281 HEYCO-G5281 Datasheet
114Kb / 1P
   Plugs for Square Tubing
G5282 HEYCO-G5282 Datasheet
114Kb / 1P
   Plugs for Square Tubing
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
   Dual Slew Rate Controlled Load Switch
More results

Similar Description - G528P1UF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525A GMT-G525A Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
G525 GMT-G525_15 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
   USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
   Single-Channel USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com