Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G525A2 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G525A2
Description  USB High-Side Power Switch Advance Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G525A2 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G525A2 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G525A2 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G525A2 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G525A2 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G525A2 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G525A2 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G525A2 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G525A2 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ver: 1.2
Nov 11, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G525A
Global Mixed-mode Technology Inc.
from turning on until the die temperature drops to
125°C. Thermal shutdown circuit functions only when
the switch is enabled.
Undervoltage Lockout
UVLO (undervoltage lockout) prevents the output
MOSFET from turning on until IN (input voltage) ex-
ceeds 2.5V typically. After the switch turns on, if the
voltage drops below 2.3V typically, UVLO shuts off the
output MOSFET and signals the fault flag. UVLO de-
tection functions only when the switch is enabled.
Current Sensing and Limiting
The current limit threshold is preset internally. The
preset level prevents damage to the output MOSFET
and external load but allows a minimum current of
0.5A through the output MOSFET.
A current sense circuit senses the output current of
MOSFET switch. If output current exceeds the current
limit threshold, the output MOSFET switch is shut off
and a fault flag is pulled low. The reaction to an over-
current is measured with the following scenarios:
Switch Enabled into Heavy Load
If the switch is powered on or enabled into a heavy
load or short-circuit, the switch immediately goes into
a constant-current mode, reducing the output voltage.
The fault flag goes low until the load is reduced or
thermal shutdown occurs. See the "Enable into Short
Circuit" graph.
Heavy Load Applied to Enabled Switch
When a heavy load is applied, a large current may
flow from the switch. The current limit circuit may shut
the switch off briefly, then fold back into con-
stant-current mode. In that case, the fault flag falls
until the load is reduced. See the “Short Applied to
Output” graph and the "Ramped Load to Enable De-
vice" graph.
Fault Flag
FLG is a 2-channel, open-drain MOSFET output. The
fault-flag is active (low) for one or more of the follow-
ing conditions: current limiting, undervoltage, or ther-
mal shutdown. The flag output MOSFET is capable of
sinking a 10mA load to typically 100mV above ground.
Applications Information
Supply filtering
A 0.1µF to 1µF bypass capacitor from IN to GND, lo-
cated near the G525A, is strongly recommended to
control supply transients. Without a bypass capacitor,
an output short may cause sufficient ringing on the
input (from supply lead inductance) to damage internal
control circuitry.
Input transients must not exceed the absolute maxi-
mum supply voltage (VIN max = 6V) even for a short du-
ration.
Figure 1. Supply Bypassing
Figure 2. Soft Start
EN
FLG
GND
NC
OUT
IN
OUT
NC
G525A
3.0V to 5.5V
1
2
3
4
8
7
6
5
0.1 µF to 1 µF
EN
FLG
GND
NC
OUT
IN
OUT
NC
G525A
3.0V to 5.5V
1
2
3
4
8
7
6
5
0.1 µF to 1 µF
USB Host
GND
V
BUS
Cable
Bus Powered Hub
USB
Controller
EN
FLG
GND
NC
OUT
IN
OUT
NC
C
BULK
4.7
µF
G525A
Cable
Downstream USB Device
Capacitive
Load
1
2
3
4
8
7
6
5
0.1 µF
USB Host
GND
V
BUS
Cable
Bus Powered Hub
USB
Controller
EN
FLG
GND
NC
OUT
IN
OUT
NC
C
BULK
4.7
µF
G525A
Cable
Downstream USB Device
Capacitive
Load
1
2
3
4
8
7
6
5
0.1 µF


Similar Part No. - G525A2

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525-1 GMT-G525-1 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525-1P81U GMT-G525-1P81U Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525-2 GMT-G525-2 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525-2P81U GMT-G525-2P81U Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
More results

Similar Description - G525A2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G528 GMT-G528 Datasheet
194Kb / 8P
   USB High-Side Power Switch Advance Information
G525 GMT-G525_15 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
   USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
   Single-Channel USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com