Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3PA-420B-VD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G3PA-420B-VD
Description  Power Solid-state Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3PA-420B-VD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G3PA-420B-VD Datasheet HTML 1Page - List of Unclassifed Manufacturers G3PA-420B-VD Datasheet HTML 2Page - List of Unclassifed Manufacturers G3PA-420B-VD Datasheet HTML 3Page - List of Unclassifed Manufacturers G3PA-420B-VD Datasheet HTML 4Page - List of Unclassifed Manufacturers G3PA-420B-VD Datasheet HTML 5Page - List of Unclassifed Manufacturers G3PA-420B-VD Datasheet HTML 6Page - List of Unclassifed Manufacturers G3PA-420B-VD Datasheet HTML 7Page - List of Unclassifed Manufacturers G3PA-420B-VD Datasheet HTML 8Page - List of Unclassifed Manufacturers G3PA-420B-VD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Power Solid-state Relay
G3PA-(VD)
J-21
Power Solid-state Relay
G3PA-(VD)
Extremely Thin Relays Integrated with Heat
Sink
• Downsizing achieved through optimum design of heat sink.
• Mounting possible via screws or via DIN track.
• Close mounting possible for linking terminals. (Except for
G3PA-260B-VD, G3PA-450B-VD-2.)
• Applicable with 3-phase loads.
• Replaceable power element cartridges.
• Conforms to VDE 0160 (finger protection), with a dielectric
strength of 4,000 V between input and load.
• Conforms to VDE 0805, IEC 950.
• Approved by UL, CSA, and VDE (reinforced insulation).
Ordering Information
I List of Models
Model
Isolation
Zero cross function
Indicator
Applicable output load
Rated input voltage
G3PA-210B-VD
Phototriac
coupler
Yes
Yes
10 A at 24 to 240 VAC
5 to 24 VDC
G3PA-220B-VD
20 A at 24 to 240 VAC
G3PA-240B-VD
40 A at 24 to 240 VAC
G3PA-260B-VD
60 A at 24 to 240 VAC
G3PA-210BL-VD
No
10 A at 24 to 240 VAC
G3PA-220BL-VD
20 A at 24 to 240 VAC
G3PA-240BL-VD
40 A at 24 to 240 VAC
G3PA-260BL-VD
60 A at 24 to 240 VAC
G3PA-210B-VD
Yes
10 A at 24 to 240 VAC
24 VAC
G3PA-220B-VD
20 A at 24 to 240 VAC
G3PA-240B-VD
40 A at 24 to 240 VAC
G3PA-260B-VD
60 A at 24 to 240 VAC
G3PA-420B-VD
20 A at 180 to 400 VAC
12 to 24 VDC
G3PA-430B-VD
30 A at 180 to 400 VAC
G3PA-420B-VD-2
20 A at 200 to 480 VAC
G3PA-430B-VD-2
30 A at 200 to 480 VAC
G3PA-450B-VD-2
50 A at 200 to 480 VAC


Similar Part No. - G3PA-420B-VD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PA-420B-VD OMRON-G3PA-420B-VD Datasheet
2Mb / 16P
   Solid State Relays
G3PA-420B-VD-2 OMRON-G3PA-420B-VD-2 Datasheet
2Mb / 16P
   Solid State Relays
More results

Similar Description - G3PA-420B-VD

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
   Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
   Power Solid State Relay
SC968160 CELDUC-SC968160 Datasheet
98Kb / 2P
   Power Solid State Relay
SCF42160-E CELDUC-SCF42160-E Datasheet
82Kb / 2P
   Power Solid State Relay
SU867070 CELDUC-SU867070 Datasheet
711Kb / 7P
   Power Solid State Relay
SO963560 CELDUC-SO963560 Datasheet
937Kb / 5P
   Power Solid State Relay
SO965560WF CELDUC-SO965560WF Datasheet
493Kb / 5P
   Power Solid State Relay
SO967560 CELDUC-SO967560 Datasheet
937Kb / 5P
   Power Solid State Relay
SU942460 CELDUC-SU942460 Datasheet
691Kb / 7P
   Power Solid State Relay
SU965460 CELDUC-SU965460 Datasheet
703Kb / 7P
   Power Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com