Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-13-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G2R-13-S
Description  General-purpose Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G2R-13-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G2R-13-S Datasheet HTML 1Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 2Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 3Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 4Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 5Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 6Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 7Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 8Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
G2RS
G2RS
4
Contact Ratings
Plug-in Terminal Relays
Number of poles
1 pole
2 poles
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Rated load
10 (1) A at 250 VAC;
10 (1) A at 30 VDC
7.5 A at 250 VAC;
5 A at 30 VDC
5 A at 250 VAC;
5 A at 30 VDC
2 A at 250 VAC; 3 A at
30 VDC
Rated carry current
10 (1) A
5 A
Max. operating voltage
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. operating current
10 (1) A
5 A
Max. switching
capacity
2,500 (250) VA,
300 (30) W
1,875 VA,
150 W
1,250 VA,
150 W
500 VA,
90 W
Min. permissible load
100 mA at 5 VDC (1 mA at 5 VDC)
10 mA at 5 VDC
Note:
1. P level:
λ
60 = 0.1 x 10
-6/operation
2. ( ): Twin crossbar contact type.
Characteristics
Standard Relays
Item
1 pole
2 poles
Contact resistance
30 m
Ω max.
50 m
Ω max.
Operate (set) time
15 ms max.
Release (reset) time
AC: 10 ms max.; DC: 5 ms max. (w/built-in diode: 20 ms max.)
Max. operating frequency
Mechanical:
18,000 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
5,000 VAC, 50/60 Hz for 1 min between coil and
contacts*;
1,000 VAC, 50/60 Hz for 1 min between contacts
of same polarity
5,000 VAC, 50/60 Hz for 1 min between coil and
contacts*;
3,000 VAC, 50/60 Hz for 1 min between
contacts of different polarity
1,000 VAC, 50/60 Hz for 1 min between
contacts of same polarity
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: 200 m/s2 when energized (approx. 20G); 100 m/s2 when no energized (approx. 10G)
Life expectancy
Mechanical: AC coil: 10,000,000 operations min.;
DC coil: 20,000,000 operations min. (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr under rated load)
Ambient temperature
Operating: –40
°C to 70°C (with no icing)
Storage:
–40
°C to 70°C (with no icing)
Ambient humidity
Operating: 35% to 85%
Storage:
35% to 85%
Weight
Approx. 17 g (plug-in terminal: approx. 20 g)
Note:
Values in the above table are the initial values.
*2,000 VAC, 50/60 Hz for 1 minute when the P2R-05A or P2R-08A socket is mounted.


Similar Part No. - G2R-13-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-13-S OMRON-G2R-13-S Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-13-SN OMRON-G2R-13-SN Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-13-SND OMRON-G2R-13-SND Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
More results

Similar Description - G2R-13-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com