Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7SA-4A2B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # G7SA-4A2B
Description  Relays with Forcibly Guided Contacts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G7SA-4A2B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  G7SA-4A2B Datasheet HTML 1Page - List of Unclassifed Manufacturers G7SA-4A2B Datasheet HTML 2Page - List of Unclassifed Manufacturers G7SA-4A2B Datasheet HTML 3Page - List of Unclassifed Manufacturers G7SA-4A2B Datasheet HTML 4Page - List of Unclassifed Manufacturers G7SA-4A2B Datasheet HTML 5Page - List of Unclassifed Manufacturers G7SA-4A2B Datasheet HTML 6Page - List of Unclassifed Manufacturers G7SA-4A2B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
D-81
G7SA
P7SA-10P Back-mounting Socket (for PCB)
50 max.
41.5 max.
Ten, 1.1 dia.
15 max.
(
±0.1 tolerance)
Three, 2.6 dia.
(for M3 tapping screws)
Terminal Arrangement/Internal
Connection Diagram
(Bottom View)
Mounting Hole Placement
(Bottom View)
G7SA-3A1B
Mounted
G7SA-2A2B
Mounted
Three, 3.2 dia.
(for M3 tapping screws)
Note: Terminals 23-24, 33-34, and 43-44
are normally open. Terminals 11-12
and 21-22 are normally closed.
P7SA-14P Back-mounting Socket (for PCB)
60 max.
41.5 max.
15 max.
(
±0.1 tolerance)
Three, 2.6 dia.
(for M3 tapping screws)
Terminal Arrangement/Internal
Connection Diagram
(Bottom View)
Mounting Hole Placement
(Bottom View)
G7SA-5A1B
Mounted
G7SA-4A2B
Mounted
G7SA-3A3B
Mounted
Note: Terminals 23-24, 33-34, 43-44,
53-54, and 63-64 are normally
open. Terminals 11-12, 21-22,
and 31-32 are normally closed.
Fourteen,
1.1 dia.
Three, 3.2 dia.
(for M3 tapping
screws)


Similar Part No. - G7SA-4A2B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7SA-4A2B OMRON-G7SA-4A2B Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
G7SA-4A2BDC24 OMRON-G7SA-4A2BDC24 Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
More results

Similar Description - G7SA-4A2B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
logo
PHOENIX CONTACT
REL-SR-24DC PHOENIX-REL-SR-24DC Datasheet
64Kb / 3P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
PSR-SCF-120UC PHOENIX-PSR-SCF-120UC Datasheet
80Kb / 4P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
logo
Tyco Electronics
SR6 MACOM-SR6_11 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
1-1393260-2 MACOM-1-1393260-2 Datasheet
553Kb / 3P
   General Purpose Relays Force Guided Relays
logo
IDEC Corporation
RF1V IDEC-RF1V Datasheet
2Mb / 9P
   RF1V Force Guided Relays/SF1V Relay Sockets
logo
Nais(Matsushita Electri...
RG1-3V NAIS-RG1-3V Datasheet
102Kb / 7P
   HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
logo
TE Connectivity Ltd
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com