Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-2-SD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G2R-2-SD
Description  General-purpose Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G2R-2-SD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G2R-2-SD Datasheet HTML 1Page - List of Unclassifed Manufacturers G2R-2-SD Datasheet HTML 2Page - List of Unclassifed Manufacturers G2R-2-SD Datasheet HTML 3Page - List of Unclassifed Manufacturers G2R-2-SD Datasheet HTML 4Page - List of Unclassifed Manufacturers G2R-2-SD Datasheet HTML 5Page - List of Unclassifed Manufacturers G2R-2-SD Datasheet HTML 6Page - List of Unclassifed Manufacturers G2R-2-SD Datasheet HTML 7Page - List of Unclassifed Manufacturers G2R-2-SD Datasheet HTML 8Page - List of Unclassifed Manufacturers G2R-2-SD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
G2RS
G2RS
5
Approved Standards
UL 508 (File No. E41643)
Model
Contact form
Coil ratings
Contact ratings
G2R-1-S
SPDT
5 to 110 VDC
5 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
TV 3 (NO
t
t
l )
G2R-1A-S
SPST-NO
,
(g
)
TV-3 (NO contact only)
G2R-2-S
DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use)
TV-3 (NO contact only)
CSA 22.2 No.0, No.14 (File No. LR31928)
Model
Contact form
Coil ratings
Contact ratings
G2R-1-S
SPDT
5 to 110 VDC
5 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
TV 3 (NO
t
t
l )
G2R-1A-S
SPST-NO
,
(g
)
TV-3 (NO contact only)
G2R-2-S
DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use)
TV-3 (NO contact only)
SEV (SEV 1025-1, IEC 158-1)
Contact form
Coil ratings
Contact ratings
1 poles
5 to 110 VDC
5 to 240 VAC
10 A, 250 VAC1
5 A, 250 VAC3
10 A, 30 VDC1
2 poles
5 to 240 VAC
5 A, 250 VAC1
2 A, 380 VAC1
5 A, 30 VDC1
TÜV (IEC 255, VDE 0435)
Contact form
Coil ratings
Contact ratings
1 pole
3 to 110 VDC, 6 VAC to 240 VAC
(for Standards coil)
10 A, 250 VAC (cos
φ = 1.0)
10 A, 30 VDC (0 ms)
2 poles
()
5 A, 250 VAC (cos
φ =1.0)
5 A, 30 VDC (0 ms)
2.5 A, 250 VAC (cos
φ = 0.4)
VDE (IEC 255, VDE 0435)
Contact form
Coil ratings
Contact ratings
1 pole
5, 6, 9, 12, 18, 24, 48, 60, 100, 110 VDC
12, 18, 24, 48, 50, 100/(110), 110, 120,
200/(220), 220, 230, 240 VAC
10 A, 250 VAC (cos
φ = 1.0)
10 A, 30 VDC (0 ms)
2 poles
5, 6, 9, 12, 18, 24, 48, 60, 100, 110 VDC
12, 18, 24, 48, 50, 100/(110), 110, 120,
200/(220), 220, 230, 240 VAC
5 A, 250 VAC (cos
φ =1.0)
5 A, 30 VDC (0 ms)


Similar Part No. - G2R-2-SD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-2-SD OMRON-G2R-2-SD Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-2-SD OMRON-G2R-2-SD Datasheet
787Kb / 12P
   General-purpose Relay
G2R-2-SD OMRON-G2R-2-SD Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-2-SD OMRON-G2R-2-SD Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R-2-SDS OMRON-G2R-2-SDS Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
More results

Similar Description - G2R-2-SD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com