Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5902 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE5902
Description  Silicon Power Rectifier Diode, 16 Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5902 Datasheet(HTML) 2 Page - NTE Electronics

  NTE5902 Datasheet HTML 1Page - NTE Electronics NTE5902 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Specifications:
Parameter
Symbol
Test Conditions
Rating
Unit
Maximum Average Forward Current
IF (AV)
180
° sinusoidal condition, TC = +140°C Max
16
A
Maximum RMS Forward Current
IF(RMS)
25
A
Maximum Peak One–Cycle
IFSM
t = 10ms
Sinusoidal Half Wave,
295
A
Non–Repetitive Surge Current
t = 8.3ms
No voltage reapplied
310
A
t = 10ms
100% rated voltage reapplied,
°
350
A
t = 8.3ms
TJ = +175°C
370
A
Maximum I2t for Individual Device
I2t
t = 10ms
100% rated voltage reapplied,
°
612
A2s
Fusing
t = 8.3ms
Initial TJ = +175°C
560
A2s
Maximum I2
pt
I2
pt
t = 0.1 to 10ms, No voltage reapplied, Note 1
6125
A2
pt
Maximum Peak Forward Voltage
VFM
IFM = 50A, TJ = +25°C
1.23
V
Maximum Value of Threshold
Voltage
VM (TO)
TJ = +175°C
0.78
V
Maximum Value of Forward Slope
Resistance
rt
TJ = +175°C
7.55
m
Note 1. I2t for time tx = I2 t S
tx
Thermal–Mechanical Specifications:
Parameter
Symbol
Test Conditions
Rating
Unit
Maximum Operation Junction Temperature
TJ
–65 to + 175
°C
Maximum Storage Temperature
Tstg
–65 to + 200
°C
Maximum Internal Thermal Resistance
Junction–to–Case
RthJC
DC operation
1.6
K/W
Thermal Resistance, Case–to–Sink
RthCS
Mounting surface flat, smooth and
greased
0.5
K/W
Mounting Torque
T
Non–lubricated threads
1.2 – 1.5
(10.5 – 13.5)
m
•N
(in
•lb)
Approximate Weight
wt
11 (0.25)
g (oz)
.060 (1.52)
Dia Min
.405
(10.3)
Max
1.250 (31.75) Max
.437
(11.1)
Max
.175 (4.45) Max
.424 (10.8)
Dia Max
.250 (6.35) Max
.453
(11.5)
Max
10–32 NF–2A


Similar Part No. - NTE5902

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5906 NTE-NTE5906 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5907 NTE-NTE5907 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5907 NTE-NTE5907 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
More results

Similar Description - NTE5902

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
NTE6129 NTE-NTE6129 Datasheet
21Kb / 2P
   Silicon Power Rectifier Diode, 700 Amp
NTE5826 NTE-NTE5826 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 50 Amp
NTE6354 NTE-NTE6354 Datasheet
25Kb / 3P
   Silicon Power Rectifier Diode, 300 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com