Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRC1BA-1ANS-DC12V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FRC1BA-1ANS-DC12V
Description  RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FRC1BA-1ANS-DC12V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FRC1BA-1ANS-DC12V Datasheet HTML 1Page - List of Unclassifed Manufacturers FRC1BA-1ANS-DC12V Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FRC1 RELAY
ORDERING INFORMATION
FRC1 B A -1 A N S - DC12V
DIMENSIONS (UNIT:mm)
RATED VOLTAGE
A - 1 FORM A (SPST)
C - 1 FORM C (SPDT)
NIL : 30A 14VDC
B : 40A 14VDC
NIL: MOULDED BRACKET DUST COVER
1: PLAIN DUST COVER
2: METAL BRACKET DUST COVER (NO SEALED TYPE )
CONTACT ARRANGEMENT
NIL: PLUG IN TYPE
;
A: PCB TYPE
CONTACT RATING
NIL: STANDARD TYPE;
N: WITH DIODE;
R: RESISTOR
NIL: UNSEALED TYPE;
S : SEALED TYPE
RELAY MODEL
3/$,1 '867 &29(5
3/8* ,1 7<3( 7(50,1$/
028/'(' %5$&.(7 '867 &29(5
0(7$/ %5$&.(7 '867 &29(5
3&% 7<3( 7(50,1$/
'LRGH RU 5HVLVWRU ,I 8VHG
 #
7(50,1$/ $55$1*(0(17 %27720 9,(:
'LRGH RU 5HVLVWRU ,I 8VHG
 # 
 # &
'LRGH RU 5HVLVWRU ,I 8VHG


Similar Part No. - FRC1BA-1ANS-DC12V

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FRC1206 SEI-FRC1206 Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
FRC1206FT10R0 SEI-FRC1206FT10R0 Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
FRC1206FT1K00 SEI-FRC1206FT1K00 Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
FRC1206FT1R00 SEI-FRC1206FT1R00 Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
FRC1206JT10R0 SEI-FRC1206JT10R0 Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
More results

Similar Description - FRC1BA-1ANS-DC12V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
logo
Ningbo songle relay co....
SRD SONGLERELAY-SRD Datasheet
97Kb / 2P
   RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Carlo Gavazzi Holding A...
PIDIN0126HI2R2S1XX CARLOGAVAZZI-PIDIN0126HI2R2S1XX Datasheet
891Kb / 8P
   Monitoring Relay Interface protection Relay
PIDIN0021HI4R2S1XX CARLOGAVAZZI-PIDIN0021HI4R2S1XX Datasheet
2Mb / 9P
   Monitoring Relay Interface protection Relay
logo
List of Unclassifed Man...
FRM8 ETC-FRM8 Datasheet
51Kb / 2P
   RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com