Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV512-90SI Datasheet(PDF) 3 Page - Eon Silicon Solution Inc.

Part # EN29LV512-90SI
Description  512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV512-90SI Datasheet(HTML) 3 Page - Eon Silicon Solution Inc.

  EN29LV512-90SI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29LV512-90SI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV512-90SI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV512-90SI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV512-90SI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV512-90SI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV512-90SI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV512-90SI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV512-90SI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
3
EN29LV512
Rev. B, Issue Date: 2004/01/05
TABLE 2. UNIFORM BLOCK SECTOR ARCHITECTURE
Sector
ADDRESSES
SIZE (Kbytes)
A15
A14
3
0C000h – 0FFFFh
16
1
1
2
08000h – 0BFFFh
16
1
0
1
04000h - 07FFFh
16
0
1
0
00000h - 03FFFh
16
0
0
PRODUCT SELECTOR GUIDE
Product Number
EN29LV512
Regulated Voltage Range: Vcc=3.0-3.6 V
-45R
Speed Option
Full Voltage Range: Vcc=2.7 – 3.6 V
-55
-70
-90
Max Access Time, ns (tacc)
45
55
70
90
Max CE# Access, ns (tce)
45
55
70
90
Max OE# Access, ns (toe)
25
30
30
35


Similar Part No. - EN29LV512-90SI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJC EON-EN29LV010-45RJC Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJCP EON-EN29LV010-45RJCP Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJI EON-EN29LV010-45RJI Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJIP EON-EN29LV010-45RJIP Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN29LV512-90SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512 AMICC-A29512 Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV040B AMD-AM29LV040B_06 Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040B AMD-AM29LV040B Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com