Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV512-90JI Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN29LV512-90JI
Description  512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV512-90JI Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN29LV512-90JI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV512-90JI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV512-90JI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV512-90JI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV512-90JI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV512-90JI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV512-90JI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV512-90JI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV512-90JI Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
7
EN29LV512
Rev. B, Issue Date: 2004/01/05
whichever happens later. All data is latched on the rising edge of WE# or CE#, whichever happens
first. The system is not required to provide further controls or timings. The device automatically
provides internally generated program / erase pulses and verifies the programmed /erased cells’
margin. The host system can detect completion of a program or erase operation by reading the
DQ[7] (Data# Polling) and DQ[6] (Toggle) status bits.
The ‘Command Definitions’ section of this document provides details on the specific device
commands implemented in the EN29LV512.
Sector Protection/Unprotection
The hardware sector protection feature disables both program and erase operations in any sector. The
hardware sector unprotection feature re-enables both program and erase operations in previously
protected sectors.
Sector protection/unprotection is intended only for programming equipment. This method requires
VID be applied to both OE# and A9 pin and non-standard microprocessor timings are used. This
method is described in a separate document called EN29LV512 Supplement, which can be obtained
by contacting a representative of Eon Silicon Solution, Inc.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically
enables this mode when addresses remain stable for tacc + 30ns. The automatic sleep mode is
independent of the CE#, WE# and OE# control signals. Standard address access timings provide
new data when addresses are changed. While in sleep mode, output is latched and always
available to the system. ICC4 in the DC Characteristics table represents the automatic sleep more
current specification.


Similar Part No. - EN29LV512-90JI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJC EON-EN29LV010-45RJC Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJCP EON-EN29LV010-45RJCP Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJI EON-EN29LV010-45RJI Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJIP EON-EN29LV010-45RJIP Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN29LV512-90JI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512 AMICC-A29512 Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV040B AMD-AM29LV040B_06 Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040B AMD-AM29LV040B Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com