Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM8471 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EM8471
Description  MPEG - 4 DECODER FOR SET-TOP DVD AND STREAMING APPLICATIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM8471 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EM8471 Datasheet HTML 1Page - List of Unclassifed Manufacturers EM8471 Datasheet HTML 2Page - List of Unclassifed Manufacturers EM8471 Datasheet HTML 3Page - List of Unclassifed Manufacturers EM8471 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM8471 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM8471 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM8471 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM8471 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM8471 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EM8470, EM8471, EM8475, EM8476
- 5 -
Sigma Designs, Inc.
355 Fairview Way • Milpitas, CA, USA 95035 • Tel: 408.262.9003 • Fax: 408.957.9740
www.sigmadesigns.com • sales@sigmadesigns.com
Alpha Blending
Alpha blending provides two layers of blending: sub-picture
over the MPEG video and OSD over both the sub-picture
and MPEG video. Up to 16 levels of blending are available.
Video Input and Output Interfaces
Video output ports provide digital RGB or YCbCr outputs and
include an integrated NTSC/PAL video encoder and video
DACs for composite, s-video and component analog outputs.
VBI Support
NTSC closed captioning on lines 21 and 284 is supported. In
addition, NTSC widescreen signaling (WSS) and copy gen-
eration management (CGMS-A) on lines 20 and 283, as
defined by IEC 61880, is supported. This information speci-
fies the aspect ratio of the current program and also provides
copy protection capabilities.
PAL widescreen signaling (WSS) on line 23, as defined by
ETSI EN300284 and ITU-R BT.1119, is supported. This infor-
mation specifies the aspect ratio of the current program.
Digital Video Output
The digital video output, controlled by the video display con-
troller, supports 8- / 16-bit CCIR 601 / 656 4:2:2 YCbCr data.
An additional 24-bit RGB output mode is supported on the
EM8475 and EM8476. It may be operated as a timing master
or slave at rates up to 80 MHz (160 MBps) and resolutions
up to 720p or 1080i.
The 24-bit RGB output mode supports HDCP (High-band-
width Digital Content Protection) when interfaced to a DVI
transmitter chip.
TV Encoder - Composite and S-Video Output
A high-quality NTSC/PAL encoder (with optional Macrovision
v7.1 protection) that supports the NTSC-M, NTSC-J, PAL-
B/D/G/H/I, PAL-60 and PAL-M baseband video standards is
available. It features three 10-bit video DACs to generate
simultaneous composite and s-video outputs. The analog
video outputs are capable of driving a doubly-terminated 75-
ohm load.
Component Analog Output
The EM8475 and EM8476 also include component YPbPr or
RGB analog outputs, with optional Macrovision AGC v1.03
protection in 480p YPbPr mode. This component analog out-
put can be programmed to be either RGB or YPbPr video
data, interlaced or progressive, from NTSC / PAL resolution
up to 1920x1080. The analog video outputs are capable of
driving a doubly-terminated 75-ohm load.
When generating analog RGB or YPbPr video, the compos-
ite video output is always present; the s-video output is not
available.
Supported analog formats are:
• RGB and composite video for SCART support
• RGB with sync on green
• SMPTE GBR
• Betacam YUV
• M-II YUV
•SMPTE YPbPr
If copy protection is used during DVD-Video playback, the
resolution on the EM8475 analog YPbPr / RGB outputs may
not be higher than standard definition (720x480 or 720x576)
unless driving a VGA monitor. If the output is configured to
be progressive YPbPr, only 480p video may be generated.
Digital Video Input
The video input port, available only on the EM8475 and
EM8476, is designed to capture video data in 8- / 16-bit
CCIR 601 / 656 YCbCr video data formats. The capture port
must operate in slave mode, synchronized to the input clock
and sync signals. The capture port is designed to support
video rates up to 80 MHz (160 MBps) and resolutions up to
720p or 1080i.
This input may be converted to progressive using either field
merging or scan line interpolation.
Note that only one video stream can be displayed at a time -
either MPEG video or input video.


Similar Part No. - EM8471

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM84 ETC2-EM84 Datasheet
60Kb / 3P
   TUNING INDICATOR
EM8400 ETC1-EM8400 Datasheet
99Kb / 8P
   MPEG-2 Decoder for Set-top, DVD and Streaming Applications
EM8401 ETC1-EM8401 Datasheet
99Kb / 8P
   MPEG-2 Decoder for Set-top, DVD and Streaming Applications
logo
ELAN Microelectronics C...
EM84100 EMC-EM84100 Datasheet
157Kb / 6P
   CORDLESS MOUSE ENCODER
EM84100B EMC-EM84100B Datasheet
157Kb / 6P
   CORDLESS MOUSE ENCODER
More results

Similar Description - EM8471

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM8400 ETC1-EM8400 Datasheet
99Kb / 8P
   MPEG-2 Decoder for Set-top, DVD and Streaming Applications
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
STMicroelectronics
STB7100 STMICROELECTRONICS-STB7100 Datasheet
136Kb / 2P
   Low-cost set-top box decoder chip for MPEG-4 AVC and HD MPEG-2
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
   Advanced SD decoder for set-top box applications
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
   Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
   Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
   HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI5500 STMICROELECTRONICS-STI5500 Datasheet
317Kb / 11P
   SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
STI5189 STMICROELECTRONICS-STI5189 Datasheet
149Kb / 9P
   Low-cost QPSK demodulator and MPEG2 decoder for set-top box applications
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
   Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com