Electronic Components Datasheet Search |
|
EM8470 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
EM8470 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 12 page EM8470, EM8471, EM8475, EM8476 - 10 - Sigma Designs, Inc. 355 Fairview Way • Milpitas, CA, USA 95035 • Tel: 408.262.9003 • Fax: 408.957.9740 www.sigmadesigns.com • sales@sigmadesigns.com Media Formats • DVD-Video, Superbit DVD, SVCD (IEC 62107-2000), VCD 1.x, VCD 2.0, audio CD • 15 Mbps sustained input data rate Streaming Formats • MPEG-2, ISMA • 15 Mbps sustained input data rate Video Decoding Standards • MPEG-1, MPEG-2 MP@ML • MPEG-4 Advanced Simple Profile Level 51. Rectangular shape video decoding up to CCIR 601 resolution (720x480 or 720x576), support for B pictures, data partitioning support for error resiliency, up to 4 objects decoded in CIF resolution and compositing with text and graphics. • Error concealment • DVD-Video and Superbit DVD • CSS decryption • 16:9 and 4:3 playback, letterbox, 3:2 pull-down • Multiple angles and sub-picture • DVD-Video navigation software Video Processing • Brightness, color, contrast controls • Advanced scaling up to 1920x1080 pixels • Interlaced or non-interlaced output up to 120 Hz • 2-, 4-, 7- or 8-bit OSD with optional run-length compression, alpha blending and flicker filtering Video Interfaces • 80 MHz 8- / 16-bit CCIR 601 / 656 YCbCr video input port supports capture resolutions up to 1920x1080i (EM8475 and EM8476 only) • 80 MHz 8- / 16-bit CCIR 656 / 601 YCbCr video output port • 80 MHz 24-bit RGB video output port for DVI with HDCP support (EM8475 and EM8476 only) • NTSC/PAL composite and s-video analog outputs with optional Macrovision v7.1 protection (10-bit DACs) • Analog RGB / YPbPr (SDTV or HDTV resolution, interlaced or progressive) with optional Macrovision AGC v1.03 protection in 480p output mode (10-bit DACs, EM8475 and EM8476 only) Audio Decoding Standards • 16-bit linear PCM • MPEG-1 Layers 1 and 2 • MPEG-4 High Quality Profile Level 2 • CELP and low-complexity AAC • Dolby Digital down-mixed to 2 channels Audio Interfaces • I2S serial digital output for PCM or S/PDIF (IEC 60958) serial digital output for PCM, compressed Dolby Digital and compressed DTS • I2S serial digital input (EM8475 and EM8476 only) • On-chip stereo audio DACs (100 dB SNR, EM8475 and EM8476 only) General Specifications 1Without 1/4 pixel and global motion compensation |
Similar Part No. - EM8470 |
|
Similar Description - EM8470 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |