Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DL-1DFH-E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D4DL-1DFH-E
Description  Compact Guard-locking Interlock Safety Door Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D4DL-1DFH-E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D4DL-1DFH-E Datasheet HTML 1Page - List of Unclassifed Manufacturers D4DL-1DFH-E Datasheet HTML 2Page - List of Unclassifed Manufacturers D4DL-1DFH-E Datasheet HTML 3Page - List of Unclassifed Manufacturers D4DL-1DFH-E Datasheet HTML 4Page - List of Unclassifed Manufacturers D4DL-1DFH-E Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DL-1DFH-E Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DL-1DFH-E Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DL-1DFH-E Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DL-1DFH-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Compact Guard-locking Interlock Safety Door Switch
D4DL
Polymer housing, IP65, and slow-action contacts
with positive opening .
2 versions
Mechanical lock/Solenoid release
Solenoid lock/Mechanical release
Rotatable operating head provides four possible
key entry slots.
Incorporates an indicator that shows operation
status at a glance.
Double-insulation structure requires no grounding
terminals. (with
mark)
Three types of Operation Key are available:
Horizontal mounting
Vertical mounting
Angle-adjustable vertical mounting
Safety Standards
Conformity:
Machinery Directive, Low-voltage Directive, EN1088, SUVA
Approval:
Agency
Standard
File No.
TÜV Rheinland
EN60947-5-1
J9650736
BIA
EN60947-5-1,
GS-ET-19
9610568
UL (see note)
UL508, CSA C22.2
No.14
E76675
SUVA
SUVA
Pending
Note:
Approval for CSA C22.2 No. 14 is authorized by c
u mark.
E
c
Ordering Information
Model Number Legend
Switches
D4DL-
jjjj-j
12
34
5
1.
Conduit Size (2-conduit)
1:
Pg13.5
2:
G1/2
2.
Built-in Switch (with Safety Switch and Lock Monitor
Switch Contacts)
C:
1NC/1NO slow-action contacts plus 1NC slow-action
contact
D:
2NC slow-action contacts plus 1NC slow-action contact
3.
Head Mounting Direction
F:
Front
4.
Door Lock and Release
A:
Mechanical lock / 24-VDC solenoid release (see note)
B:
Mechanical lock / 110-VAC solenoid release
C:
Mechanical lock / 230-VAC solenoid release
G:
24-VDC solenoid lock / mechanical release (see note)
H:
110-VAC solenoid lock / mechanical release
J:
230-VAC solenoid lock / mechanical release
5.
Indicator
B:
10 to 115 VAC/VDC (with orange LED indicator)
E:
100 to 250 VAC (with orange neon lamp indicator)


Similar Part No. - D4DL-1DFH-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4DL-1DFH-B OMRON-D4DL-1DFH-B Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4DL-1DFH-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
   Safety Key Interlock Switch
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
   DOOR INTERLOCK PLATE FOR CAM SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com