Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DL-2CFC-E Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # D4DL-2CFC-E
Description  Compact Guard-locking Interlock Safety Door Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D4DL-2CFC-E Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button D4DL-2CFC-E Datasheet HTML 2Page - List of Unclassifed Manufacturers D4DL-2CFC-E Datasheet HTML 3Page - List of Unclassifed Manufacturers D4DL-2CFC-E Datasheet HTML 4Page - List of Unclassifed Manufacturers D4DL-2CFC-E Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DL-2CFC-E Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DL-2CFC-E Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DL-2CFC-E Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DL-2CFC-E Datasheet HTML 9Page - List of Unclassifed Manufacturers D4DL-2CFC-E Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
D4DL
D4DL
6
Contacts
Indicates conditions where the Key is inserted and the lock is applied. Connect the terminals 12 to 31 to conform to BIA GS-ET-19.
Model
Contact
Contact form
Diagram
Remarks
D4DL-
jCjj-j 1NC/1NO + 1NC
Lock position
ON
Travel
Key fully
inserted.
Key fully
extracted.
Only terminals 11, 12, 31,
and 32 have an positive
opening mechanism.
The terminals 11/12 and
23/24 can be used as
opposing poles.
D4DL-
jDjj-j 2NC + 1NC
Lock position
ON
Travel
Key fully
inserted.
Key fully
extracted.
Terminals 11, 12, 21, 22,
31, and 32 have a positive
opening mechanism.
The terminals 11/12 and
21/22 can be used as
opposing poles.
Indicator
Internal Circuit Diagram
LED Type (10 to 115 VAC/DC)
Constant-current diode
E3
E4
LED (orange)
Neon Lamp Type (100 to 250 VAC)
R=130 K
Neon lamp (orange)
Circuit Connection Example
Circuit is to be connected by user.
Connect terminals 12 to 31. (To conform to BIA GS-ET-19.)
Do not connect the indicator in parallel to the contacts.
Doing so may allow short-circuit current to flow while the
indicator is damaged, causing equipment malfunction.
The 24-VDC solenoid has polarity. Be sure not to make wiring
mistakes.
In the following connection example, the indicator will be lit when
the door is open. (D4DL-1CFA-B)
Power supply side
Solenoid
Indicator
Auxiliary
circuit
Safety
circuit
Ground
+
~
~
(Orange)


Similar Part No. - D4DL-2CFC-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4DL-2CFC-EW OMRON-D4DL-2CFC-EW Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4DL-2CFC-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
   Safety Key Interlock Switch
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
   DOOR INTERLOCK PLATE FOR CAM SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com