Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU8F-5035 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # DDU8F-5035
Description  5-TAP, TTL-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU8F-5035 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  DDU8F-5035 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU8F-5035 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU8F-5035 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU8F-5035 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DDU8F
Doc #97012
DATA DELAY DEVICES, INC.
3
1/28/97
3 Mt. Prospect Ave. Clifton, NJ 07013
PACKAGE DIMENSIONS
.500 MAX.
1
2
3
4
5
6
7
8
.290
MAX.
.015 TYP.
.070 MAX.
.018
TYP.
.300
±.010
3 Equal spaces
each .100
±.010
Non-Accumulative
.280
MAX.
.350
MAX.
.010
±.002
Lead Material:
Nickel-Iron alloy 42
TIN PLATE
DDU8F-xx (Commercial DIP)
.180
TYP.
.500 MAX.
1
2
3
4
5
6
7
8
.290
MAX.
.020
TYP.
.440
MAX.
.300
TYP.
.010 TYP.
.300
TYP.
.020
TYP.
DDU8F-xxM (Military DIP)
.520 MAX.
1
2
3
4
5
6
7
8
.430
TYP.
.020
TYP.
.040
TYP.
.100
.110
.300
.300
MAX.
.270
TYP.
.010 TYP.
.050
TYP.
DDU8F-xxA1 (Commercial Gull-Wing)
.520 MAX.
1
2
3
4
5
6
7
8
.320
TYP.
.020
TYP.
.040
TYP.
.100
.110
.300
.350
MAX.
.270
TYP.
.050 TYP.
.110
TYP.
DDU8F-xxB1 (Commercial J-Lead)
.510 MAX.
1
7
8
.510
MAX.
14
.300
TYP.
.017
.050
.100
.100
.300
.300
.008
.045
.025
.360
TYP.
.065
TYP.
.065
TYP.
.200 MAX. (Com)
.225 MAX. (Mil)
DDU8F-xxD1 (Commercial SMD)
DDU8F-xxMD1 (Military SMD)
.080
.080
.510 MAX.
1
7
8
14
.510
MAX.
.017
.050
.300
TYP.
.100
.100
.650
.008
.005
.065 TYP.
.360 TYP.
.065 TYP.
DDU8F-xxD4 (Commercial SMD)
DDU8F-xxMD4 (Military SMD)
.200 MAX. (Com)
.225 MAX. (Mil)


Similar Part No. - DDU8F-5035

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU8C-5050 DATADELAY-DDU8C-5050 Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU8C-5060 DATADELAY-DDU8C-5060 Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU8C-5075 DATADELAY-DDU8C-5075 Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU8C-5100 DATADELAY-DDU8C-5100 Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
More results

Similar Description - DDU8F-5035

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU7F DATADELAY-DDU7F Datasheet
46Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU7F)
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com