Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2283PVC-1 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2283PVC-1
Description  PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2283PVC-1 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2283PVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2283PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2283PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2283PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2283PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2283PVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY2283PVC-1 Datasheet HTML 10Page - Cypress Semiconductor CY2283PVC-1 Datasheet HTML 11Page - Cypress Semiconductor CY2283PVC-1 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY2283
PRELIMINARY
11
Document #: 38–00685–A
Intel and Pentium are registered trademarks of Intel Corporation. I2C is a trademark of Philips Corporation.
Test Circuit
3
6
9
0.1
µF
14
16
VDDQ3
CLOAD
OUTPUTS
39
30
45
0.1
µF
0.1
µF
19
22
36
33
48
0.1
µF
0.1
µF
0.1
µF
0.1
µF
VDDCPU
42
27
1
0.1
µF
Note: All Capacitors must be placed as close to the pins as is possible
Ordering Information
Ordering Code
Package
Name
Package Type
Operating
Range
CY2283PVC–1
O48
48-Pin SSOP
Commercial
CY2283PVC–2
O48
48-Pin SSOP
Commercial


Similar Part No. - CY2283PVC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
CY22800-001A CYPRESS-CY22800-001A Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY2283PVC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2273A CYPRESS-CY2273A Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
SpectraLinear Inc
CY2277A SPECTRALINEAR-CY2277A Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Winbond
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
   100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
Winbond
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
   100MHZ AGP CLOCK FOR VIA CHIPSET
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
SpectraLinear Inc
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com