Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09159-6AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C09159-6AC
Description  8K/16K x 9 Synchronous Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09159-6AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C09159-6AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09159-6AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09159-6AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09159-6AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09159-6AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09159-6AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09159-6AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09159-6AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09159-6AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRELIMINARY
8K/16K x 9
Synchronous Dual-Port Static RAM
fax id: 5218
CY7C09159
CY7C09169
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
November 1997 - Revised June 5, 1998
51
Features
• True Dual-Ported memory cells which allow simulta-
neous access of the same memory location
• 2 Flow-Through/Pipelined devices
— 8K x 9 organization (CY7C09159)
— 16K x 9 organization (CY7C09169)
• 3 Modes
— Flow-Through
—Pipelined
—Burst
• Pipelined output mode on both ports allows fast
100-MHz cycle time
• 0.35-micron CMOS for optimum speed/power
• High-speed clock to data access 6.5/7.5/12 ns (max.)
• Low operating power
— Active= 200 mA (typical)
— Standby= 0.05 mA (typical)
• Fully synchronous interface for easier operation
• Burst counters increment addresses internally
— Shorten cycle times
— Minimize bus noise
— Supported in Flow-Through and Pipelined modes
• Dual Chip Enables for easy depth expansion
• Automatic power-down
• Commercial and Industrial temperature ranges
• Available in 100-pin TQFP
Note:
1.
A0–A12 for 8K; A0–A13 for 16K.
v
Logic Block Diagram
R/WL
CE0L
CE1L
OEL
FT/PipeL
I/O0L–I/O8L
Control
A0–A12/13L
CLKL
ADSL
CNTENL
CNTRSTL
R/WR
1
0
0/1
CE0R
CE1R
OER
1
0/1
0
FT/PipeR
I/O0R–I/O8R
I/O
Control
A0–A12/13R
CLKR
ADSR
CNTENR
CNTRSTR
1
0
0/1
1
0/1
0
I/O
Counter/
Address
Register
Decode
True Dual-Ported
RAM Array
Counter/
Address
Register
Decode
9
9
[1]
[1]
13/14
13/14
For the most recent information, visit the Cypress web site at www.cypress.com


Similar Part No. - CY7C09159-6AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A-12AC CYPRESS-CY7C09159A-12AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A-6AC CYPRESS-CY7C09159A-6AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A-7AC CYPRESS-CY7C09159A-7AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A-9AC CYPRESS-CY7C09159A-9AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09159-6AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com