Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09169 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C09169
Description  8K/16K x 9 Synchronous Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09169 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C09169 Datasheet HTML 2Page - Cypress Semiconductor CY7C09169 Datasheet HTML 3Page - Cypress Semiconductor CY7C09169 Datasheet HTML 4Page - Cypress Semiconductor CY7C09169 Datasheet HTML 5Page - Cypress Semiconductor CY7C09169 Datasheet HTML 6Page - Cypress Semiconductor CY7C09169 Datasheet HTML 7Page - Cypress Semiconductor CY7C09169 Datasheet HTML 8Page - Cypress Semiconductor CY7C09169 Datasheet HTML 9Page - Cypress Semiconductor CY7C09169 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY7C09159
CY7C09169
PRELIMINARY
6
Switching Characteristics Over the Operating Range
Symbol
Parameter
CY7C09159
CY7C09169
Units
-6
-7
-12
MinMax
MinMax
Min
Max
fMAX1
fMax Flow-Through
53
45
33
MHz
fMAX2
fMax Pipelined
100
83
50
MHz
tCYC1
Clock Cycle Time - Flow-Through
19
22
30
ns
tCYC2
Clock Cycle Time - Pipelined
10
12
20
ns
tCH1
Clock HIGH Time - Flow-Through
6.5
7.5
12
ns
tCL1
Clock LOW Time - Flow-Through
6.5
7.5
12
ns
tCH2
Clock HIGH Time - Pipelined
4
5
8
ns
tCL2
Clock LOW Time - Pipelined
4
5
8
ns
tR
Clock Rise Time
3
3
3
ns
tF
Clock Fall Time
3
3
3
ns
tSA
Address Set-up Time
3.5
4
4
ns
tHA
Address Hold Time
0
0
1
ns
tSC
Chip Enable Set-up Time
3.5
4
4
ns
tHC
Chip Enable Hold Time
0
0
1
ns
tSW
R/W Set-up Time
3.5
4
4
ns
tHW
R/W Hold Time
0
0
1
ns
tSD
Input Data Set-up Time
3.5
4
4
ns
tHD
Input Data Hold Time
0
0
1
ns
tSAD
ADS Set-up Time
3.5
4
4
ns
tHAD
ADS Hold Time
0
0
1
ns
tSCN
CNTEN Set-up Time
3.5
4
4
ns
tHCN
CNTEN Hold Time
0
0
1
ns
tSRST
CNTRST Set-up Time
3.5
4
4
ns
tHRST
CNTRST Hold Time
0
0
1
ns
tOE
Output Enable to Data Valid
8
9
12
ns
tOLZ
OE to Low Z
2
2
2
ns
tOHZ
OE to High Z
171
717
ns
tCD1
Clock to Data Valid - Flow-Through
15
18
25
ns
tCD2
Clock to Data Valid - Pipelined
6.5
7.5
12
ns
tDC
Data Output Hold After Clock HIGH
2
2
2
ns
tCKHZ
Clock HIGH to Output High Z
2
9
2
9
2
9
ns
tCKLZ
Clock HIGH to Output Low Z
2
2
2
ns
Port to Port Delays
tCWDD
Write Port Clock HIGH to Read Data Delay
30
35
40
ns
tCCS
Clock to Clock Set-up Time
9
10
15
ns


Similar Part No. - CY7C09169

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09169A CYPRESS-CY7C09169A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09169A-12AC CYPRESS-CY7C09169A-12AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09169A-6AC CYPRESS-CY7C09169A-6AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09169A-7AC CYPRESS-CY7C09169A-7AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09169A-9AC CYPRESS-CY7C09169A-9AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09169

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com