Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMCPCI102BT Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CMCPCI102BT
Description  CompactPCI Backplane Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMCPCI102BT Datasheet(HTML) 4 Page - California Micro Devices Corp

  CMCPCI102BT Datasheet HTML 1Page - California Micro Devices Corp CMCPCI102BT Datasheet HTML 2Page - California Micro Devices Corp CMCPCI102BT Datasheet HTML 3Page - California Micro Devices Corp CMCPCI102BT Datasheet HTML 4Page - California Micro Devices Corp CMCPCI102BT Datasheet HTML 5Page - California Micro Devices Corp CMCPCI102BT Datasheet HTML 6Page - California Micro Devices Corp CMCPCI102BT Datasheet HTML 7Page - California Micro Devices Corp CMCPCI102BT Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
02/28/05
CMCPCI102B
Specifications (Cont’d)
Note 1: Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
Note 2: This parameter is guaranteed by design; it is not tested 100%.
ELECTRICAL OPERATING CHARACTERISTICS(NOTE 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RS1
Series Resistance through RS
A to B; switch SWS closed;
TA=25°C
510
15
RS2
Series Resistance through RS
A to B; switch SWS open;
TA=25°C
1M
RPU1
Resistance of RPU1 pull-up
TA=25°C
9.5
18
k
TOLRPU2
TOLRPU3
Resistance Tolerance
(RPU2 and RPU3)
TA=25°C
+5%
TCRPU
Temperature Coefficient of
Resistance (RPU1, RPU2, RPU3)
-100
ppm/°C
C1
Capacitance on backplane side
(A side) of series resistor RS
Measured @ 66MHz,
0VDC, SW_EN=0V; Note 2
1.9
pF
C2
Capacitance on device side (B
side) of series resistor RS and
series switch SWS
Measured @ 66MHz,
0VDC, VIO=5V, 5_EN=5V
SW_EN=0V; Note 2
4.2
pF
VIL
Logic Low Input Voltage to P_EN,
3_EN, 5_EN, SW_EN
-0.5
[VIO] x 0.3
V
VIH
Logic High Input Voltage to P_EN,
3_EN, 5_EN, SW_EN
[VIO] x 0.7
[VIO] + 0.5
V
ILEAK
Leakage Current into P_EN, 3_EN,
5_EN, SW_EN
GND < V < VIO
+1+10
µA
IGND
Supply Current for internal circuits
(measured at GND pin)
0.25
1
mA
tPLH
Switch SWS closure delay from the
low-to-high transition of SW_EN
Note 2, ’CAP’ pin capaci-
tor=0.01
µF
14
ms
tPHL
Switch SWS delay from the high-to-
low transition of SW_EN
Note 2, ’CAP’ pin capaci-
tor=0.01
µF
12
µs
tPPU
Propagation delay for pull-up
switches SWPU1, SWPU2, and
SWPU3, all transitions
Note 2
10
ns


Similar Part No. - CMCPCI102BT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMCPCI102A CALMIRCO-CMCPCI102A Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
CMCPCI102AS CALMIRCO-CMCPCI102AS Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
CMCPCI102AT CALMIRCO-CMCPCI102AT Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
More results

Similar Description - CMCPCI102BT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMCPCI102A CALMIRCO-CMCPCI102A Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
CMCPCI101 CALMIRCO-CMCPCI101 Datasheet
216Kb / 7P
   CompactPCI Backplane Interface / Termination IC
logo
Adlink Technology Inc.
CPCIS-ET2632 ADLINK-CPCIS-ET2632 Datasheet
278Kb / 2P
   3U CompactPCI Subsystem with 8-slot Backplane
logo
List of Unclassifed Man...
CPCIS-2642 ETC2-CPCIS-2642 Datasheet
346Kb / 1P
   3U CompactPCI Subsystem with 13-slot Backplane, 2 1 CompactPCI Redundant Power Modules
logo
Advantech Co., Ltd.
MIC-3001 ADVANTECH-MIC-3001 Datasheet
188Kb / 2P
   4U CompactPCI Enclosure with 8 slot 3U Backplane
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
   4U CompactPCI Enclosure with 6-slot 3U Backplane
logo
List of Unclassifed Man...
CPCIS-ET2600 ETC2-CPCIS-ET2600 Datasheet
542Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
CPCIS-2633 ETC2-CPCIS-2633 Datasheet
564Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
   CompactPCI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com