Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3014-25ST Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM3014-25ST
Description  MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3014-25ST Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM3014-25ST Datasheet HTML 2Page - California Micro Devices Corp CM3014-25ST Datasheet HTML 3Page - California Micro Devices Corp CM3014-25ST Datasheet HTML 4Page - California Micro Devices Corp CM3014-25ST Datasheet HTML 5Page - California Micro Devices Corp CM3014-25ST Datasheet HTML 6Page - California Micro Devices Corp CM3014-25ST Datasheet HTML 7Page - California Micro Devices Corp CM3014-25ST Datasheet HTML 8Page - California Micro Devices Corp CM3014-25ST Datasheet HTML 9Page - California Micro Devices Corp CM3014-25ST Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
12/13/02
&0
3HUIRUPDQFH,QIRUPDWLRQ FRQW¶G
7\SLFDO '&&KDUDFWHULVWLFV QRPLQDOFRQGLWLRQV XQOHVV RWKHUZLVH VSHFLILHG
&XUYHVVKRZQ IRU9 RXWSXW
Ground Current vs. Input (5mA Load)
0
10
20
30
40
50
60
70
80
01
2
3
4
5
6
INPUT VOLTAGE [V]
Ground Current vs. Load (VIN = 3.8V)
0
25
50
75
100
0
50
100
150
200
LOAD CURRENT [mA]
Load Regulation (VIN = 3.8V)
2.78
2.79
2.80
2.81
2.82
0
50
100
150
200
LOAD CURRENT [mA]
Dropout Voltage vs. Load Current (VOUT = 2.7V)
0
50
100
150
200
250
0
50
100
150
200
LOAD CURRENT [mA]
Line Regulation (5mA Load)
2.5
2.6
2.7
2.8
2.9
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE [V]
Foldback Current Limiting (VIN = 3.8V)
0.0
1.0
2.0
3.0
4.0
0
100
200
300
400
500
LOAD CURRENT [mA]


Similar Part No. - CM3014-25ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
CM3015-00 CALMIRCO-CM3015-00 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
More results

Similar Description - CM3014-25ST

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com