Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEB06N5 Datasheet(PDF) 4 Page - Chino-Excel Technology

Part # CEB06N5
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEB06N5 Datasheet(HTML) 4 Page - Chino-Excel Technology

  CEB06N5 Datasheet HTML 1Page - Chino-Excel Technology CEB06N5 Datasheet HTML 2Page - Chino-Excel Technology CEB06N5 Datasheet HTML 3Page - Chino-Excel Technology CEB06N5 Datasheet HTML 4Page - Chino-Excel Technology CEB06N5 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-20
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
with Drain Current
IDS, Drain-Source Current (A)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VSD, Body Diode Forward Voltage (V)
Tj, Junction Temperature ( C)
Tj, Junction Temperature ( C)
Figure 5. Gate Threshold Variation
Figure 7. Transconductance Variation
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
CEP06N5/CEB06N5
1.30
1.20
1.10
1.0
0.90
0.80
0.70
0.60
-50 -25
0
25
50
75
100 125 150
VDS=VGS
ID=250 A
-50
-25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250 A
Figure 4. On-Resistance Variation with
Temperature
TJ, Junction Temperature( C)
-100
-50
0
50
100
200
2.2
1.9
1.6
1.3
1.0
0.7
0.4
VGS=10V
ID=4
150
Ciss
Coss
Crss
1200
1000
800
600
400
200
0
0
5
10
15
20
25
20
10
0.1
1
0.4
0.6
0.8
1.2
1.0
VGS=0V
3
4
0
1
2
0
1
23
4
VDS=50V
4
4


Similar Part No. - CEB06N5

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEB06N7 CET-MOS-CEB06N7 Datasheet
605Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2012.Sep
More results

Similar Description - CEB06N5

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com