Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72728A2170S162 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # B72728A2170S162
Description  SMD Multilayer Varistor Array with AgPt Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B72728A2170S162 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  B72728A2170S162 Datasheet HTML 1Page - List of Unclassifed Manufacturers B72728A2170S162 Datasheet HTML 2Page - List of Unclassifed Manufacturers B72728A2170S162 Datasheet HTML 3Page - List of Unclassifed Manufacturers B72728A2170S162 Datasheet HTML 4Page - List of Unclassifed Manufacturers B72728A2170S162 Datasheet HTML 5Page - List of Unclassifed Manufacturers B72728A2170S162 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Metal Oxide Varistor
CA06P4S17ALCGK2
SMD Multilayer Varistor Array with AgPt Termination
B72728A2170S162
Data sheet
ISSUE DATE
12.07.02
ISSUE
e
PUBLISHER
KB VS PE
PAGE
6/6
Package
Each reel in airtight plastic bag with desiccant bag.
Dimensions approx. 220 x 200 mm.
Package: 8 mm tape
Reel material: plastic
 EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information
contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and
Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless
otherwise agreed.
Definition
Symbol
Dim.
Tol.
Reel diameter
A
180
-2
Reel width
(inside)
W
1
8.4
+1.5 /-0
Reel width
(outside)
W
2
14.4
max.


Similar Part No. - B72728A2170S162

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72728A2170S162 EPCOS-B72728A2170S162 Datasheet
102Kb / 5P
   Multiple elements in one component
More results

Similar Description - B72728A2170S162

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN2220S14BAUTOG ETC-CN2220S14BAUTOG Datasheet
148Kb / 6P
   SMD Multilayer Varistor with AgPd Termination
logo
EPCOS
CT0603S20ACCG EPCOS-CT0603S20ACCG Datasheet
144Kb / 9P
   SMD multilayer varistor with nickel barrier termination
CT0603L25HSG EPCOS-CT0603L25HSG Datasheet
138Kb / 7P
   Metal Oxide Varistors SMD multilayer varistor with Ni-barrier termination
CT0402S14AHSG EPCOS-CT0402S14AHSG Datasheet
137Kb / 7P
   Metal Oxide Varistors SMD multilayer varistor with Ni-barrier termination
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
logo
Vishay Siliconix
MLV0805E3 VISHAY-MLV0805E3 Datasheet
81Kb / 3P
   SMD 0805 Multilayer Varistor
Revision: 22-Apr-15
MLV0402E3 VISHAY-MLV0402E3 Datasheet
80Kb / 3P
   SMD 0402 Multilayer Varistor
Revision: 22-Apr-15
MLV0603E3 VISHAY-MLV0603E3 Datasheet
81Kb / 3P
   SMD 0603 Multilayer Varistor
Revision: 22-Apr-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com