Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2101-1C-9D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ2101-1C-9D
Description  MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ2101-1C-9D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ2101-1C-9D Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ2101-1C-9D Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ2101-1C-9D Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ2101-1C-9D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AZ2100
1/17/01W
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 30 A 120 VAC Res. (N.O.)
Operate Time (max.)
Max. 12 ms
Typical: 8 ms
Release Time (max.)
Max. 5 ms
Typical: 3.5 ms
Dielectric Strength
Group A: 2500 Vrms contact to coil
(at sea level for 1 min.) Group B: 2000 Vrms contact to coil
1500 Vrms between open contacts
Insulation Resistance
100 megohms min. at 500 VDC, 20°C,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
-55°C (-67°F) to 100°C (212°F) Class B
-55°C (-67°F) to 125°C (257°F) Class F
Storage
-55°C (-67°F) to 130°C (266°F) Class B
-55°C (-67°F) to 155°C (311°F) Class F
Vibration
0.062" DA at 10–55 Hz
Shock
20 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C. with quick-con-
nect tabs, .250" wide, on top
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
43 grams
MINIATURE
POWER RELAY
FEATURES
• Versatility of both PC and “Trace-Saver” quick-connect
terminals on contacts
• 30 Amp switching capability for both N.O. and
N.C. contacts
• 1 Form A, B and C contacts available
• DC coils to 120 VDC
• Life expectancy to 10 million operations
• Class B insulation for high temperature applications
• Class F (155°C) versions available
• Available with an epoxy seal for automatic wave
soldering and immersion cleaning
• UL, CUR file E44211 including versions meeting
UL 508 and UL 873 spacing and contact
rating requirements
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 900 W or 7200 VA
Max. switched current: 30 A
Max. switched voltage: 30 VDC or 300 VAC
UL Rating: See chart for UL contact ratings.
AZ2100 Series meets UL 508 Group A spacing
requirements. AZ2101 Series meets UL 508
Group B spacing requirements.
Material
Silver cadmium oxide
Resistance
< 20 milliohms initially
(at rated current, voltage drop method)
COIL
Power
At Pickup Voltage
500 mW
(typical)
Max. Continuous
2.2 W at 20°C (68°F) ambient
Dissipation
1.8 W at 40°C (104°F) ambient
Temperature Rise
38°C (68°F) at nominal coil voltage
Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Other coil resistances and sensitivities available upon request.
5. Specifications subject to change without notice.


Similar Part No. - AZ2101-1C-9D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2100 AZETTLER-AZ2100 Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-110D AZETTLER-AZ2100-1A-110D Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-110DE AZETTLER-AZ2100-1A-110DE Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-12D AZETTLER-AZ2100-1A-12D Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-12DE AZETTLER-AZ2100-1A-12DE Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
More results

Similar Description - AZ2101-1C-9D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com