Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV1012ECP55 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616LV1012ECP55
Description  Very Low Power/Voltage CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1012ECP55 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616LV1012ECP55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Revision 1.0
Apr.
2004
3
R0201-BS616LV1012
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.15
0.8
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0
O C to +70 O C
2.4V ~ 3.6V
Industrial
-40
O C to +85 O C
2.4V ~ 3.6V
DATA RETENTION CHARACTERISTICS ( TA = -40oC to + 85oC )
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not 100% tested.
DC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
BSI
BS616LV1012
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
Vcc=3.0V
VIL
Guaranteed Input Low
Voltage
(2)
-0.5
--
0.8
V
Vcc=3.0V
2.0
VIH
Guaranteed Input High
Voltage
(3)
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE = VIH, or OE = VIH,
VI/O = 0V to Vcc
--
--
1
uA
Vcc=3.0V
VOL
Output Low Voltage
Vcc = Max, IOL = 2mA
--
--
0.4
V
Vcc=3.0V
VOH
Output High Voltage
Vcc = Min, IOH = -1mA
2.4
--
--
V
Vcc=3.0V
--
--
23
ICC
Operating Power Supply
Current
CE = VIL, IDQ = 0mA,
mA
Vcc=3.0V
--
--
1
ICCSB
Standby Current-TTL
CE = VIH, IDQ = 0mA
mA
Vcc=3.0V
--
0.4
ICCSB1
Standby Current-CMOS
CE ≧ Vcc -0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
2.5
uA
SYMBOL
PARAMETER
RATING
UNITS
V TERM
Terminal Voltage with
Respect to GND
-0.5 to
Vcc+0.5
V
T BIAS
Temperature Under Bias
-40 to +85
O C
T STG
Storage Temperature
-60 to +150
O C
P T
Power Dissipation
1.0
W
I OUT
DC Output Current
20
mA
V cc
Power Supply Voltage
V
-0.5 to
Vcc+0.5
F = Fmax
(4)
55ns
70ns
18
(5)
(6)
1. Typical characteristics are at TA = 25oC.
2. Undershoot : -1.5V in case of pulse width ≦20ns.
3. Overshoot : Vcc+1.5V in case of pulse width ≦20ns.
4. Fmax = 1/t
RC .
5. IccsB1_Max. is 1.3uA at Vcc=3.0V and TA=70oC.
6. Icc_Max. is 22mA(@55ns)/17mA(@70ns) at Vcc=3.0V and TA=0~70oC.
(3)
1. Vcc = 1.5V, TA = + 25OC2. tRC = Read Cycle Time
3. IccDR_MAX. is 0.45uA at TA=70OC.


Similar Part No. - BS616LV1012ECP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010AC BSI-BS616LV1010AC Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010AC55 BSI-BS616LV1010AC55 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616LV1012ECP55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com