Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDX100A24M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ASDX100A24M
Description  0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASDX100A24M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ASDX100A24M Datasheet HTML 1Page - List of Unclassifed Manufacturers ASDX100A24M Datasheet HTML 2Page - List of Unclassifed Manufacturers ASDX100A24M Datasheet HTML 3Page - List of Unclassifed Manufacturers ASDX100A24M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASDX Series
MUX
ASIC
OUT
220nF
(7)
A/D
D/A
+Vs
GND
C
BLOCK DIAGRAM
ELECTRICAL CONNECTIONS
(8)
MAXIMUM RATINGS
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
Vs (PIN 1)
IDENTIFIER
Vs (PIN 1)
IDENTIFIER
Vs (PIN 1)
IDENTIFIER
Pin Out
ASDXxxxD4
ASDXxxxG2
ASDXxxxA2
Supply Voltage (Vs)*
4.75V to 5.25Vdc
Maximum Supply Voltage*
6.50 Vdc (max.)
Consumption Current
6 mA (typ)
Output Current - sink
2 mA (max.)
Output Current - source
2 mA (max.)
Lead Temperature (2-4 Sec.)
250°C
*Note: The sensor is not reverse polarity protected. Incorrect application of excitation voltage or ground to the
wrong pin can cause electrical failure. Application of supply voltage above the maximum can cause
electrical failure.
ENVIRONMENTAL SPECIFICATIONS (ALL DEVICES)
Temperature Ranges:
Compensated:
0°C to + 85°C
Vibration: 10G at 20-2000 Hz
Operating: -20°C to +105°C
Shock: 50G for 11 ms
Storage: -40°C to +125°C
Life: 1 Million cycles minimum


Similar Part No. - ASDX100A24M

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
ASDX100A24R SENSORTECHNICS-ASDX100A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
ASDX100A24R-A SENSORTECHNICS-ASDX100A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
More results

Similar Description - ASDX100A24M

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
   TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
   Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
   INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
logo
Motorola, Inc
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
   0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com