Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8845BEDT330Z Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8845BEDT330Z
Description  3A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845BEDT330Z Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8845BEDT330Z Datasheet HTML 1Page - Analog Microelectronics AME8845BEDT330Z Datasheet HTML 2Page - Analog Microelectronics AME8845BEDT330Z Datasheet HTML 3Page - Analog Microelectronics AME8845BEDT330Z Datasheet HTML 4Page - Analog Microelectronics AME8845BEDT330Z Datasheet HTML 5Page - Analog Microelectronics AME8845BEDT330Z Datasheet HTML 6Page - Analog Microelectronics AME8845BEDT330Z Datasheet HTML 7Page - Analog Microelectronics AME8845BEDT330Z Datasheet HTML 8Page - Analog Microelectronics AME8845BEDT330Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AME, Inc.
4
3A CMOS LDO
AME8845
n Ordering Information
AME8845 x x x x xxx x
Voltage
Number of Pin
Package
Operating Temperature
Pin Configuration
Special Feature
A:
1. VIN
E: -40
OC to 85OC
B: TO-220
S: 2
150: V=1.5V
Z: Lead Free
(TO-252) 2. GND
C: TO-252
T: 3
180: V=1.8V
3. VOUT
D: TO-263
V: 5
250: V=2.5V
B:
1. GND
2. VOUT
3. VIN
A:
1. VIN
(TO-263-3) 2. GND
3. VOUT
B:
1. GND
2. VOUT
3. VIN
A:
1. VIN
(TO-263-5) 2. EN
3. GND
4. SENSE
5. VOUT
A:
1. VIN
(TO-220) 2. GND
3. VOUT
B:
1. GND
2. VOUT
3. VIN
A:
1. VIN
(SOT-223) 2. GND
3. VOUT
B:
1. VIN
(SOT-223) 2. GND
3. VOUT
Special Feature
G:
Pin
Configuration
Voltage
Operating
Temperature
Range
Package Type
Number
of
Pins
SOT-223
330: V=3.3V
Pin Configuration


Similar Part No. - AME8845BEDT330Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845BEDT330Z AME-AME8845BEDT330Z Datasheet
180Kb / 19P
   3A CMOS LDO
More results

Similar Description - AME8845BEDT330Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845 AME-AME8845_11 Datasheet
180Kb / 19P
   3A CMOS LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
   3A Low Dropout LDO
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
   3A Low Dropout LDO
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
   Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com