Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LQ182M160K042 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 381LQ182M160K042
Description  105 C Compact, High-Ripple Snap-in
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

381LQ182M160K042 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  381LQ182M160K042 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LQ182M160K042 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LQ182M160K042 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LQ182M160K042 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LQ182M160K042 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LQ182M160K042 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LQ182M160K042 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
23% Smaller for Same Capacitance
Highlights
New, more capacitance per case
Compare to Type 381L
Type 381LQ is on average 23% smaller and more than 5 mm
shorter than Type 381LX. This is achieved with a new can
closure method that permits installing capacitor elements into
smaller cans. Approaching the robust capability of the 381L
the new 381LQ enables you to shrink equipment size and
retain the original performance.
Specifications
–40 °C to +105 °C, ≤315 Vdc
–25 °C to +105 °C, ≥350 Vdc
Rated Voltage:
10 to 450 Vdc
Capacitance:
100 µF to 100,000 µF ±20%
Ripple Current Multipliers:
Ambient Temperature
Operating Temperature:
Leakage Current:
3 CV µA, 5 minutes
Load Life:
2000 h at full load at 105 °C
Capacitance ±10%
ESR 125% of limit
DCL 100% of limit
EIA Ripple Life:
8000 h at 85 °C per EIA IS-749 with 105 ºC ripple current.
Capacitance ±10%
ESR 200% of limit
CL 100% of limit
Shelf Life:
1000 h at 105 °C,
Capacitance ± 10%
ESR 200% of limit
DCL 100% of limit
Vibration:
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
45 °C
60 °C
70 °C
85 °C
105 °C
2.35
2.20
2.00
1.70
1.00
Frequency
50 Hz
60 Hz
120 Hz
500 Hz
1 kHz
10 kHz & up
10-100 Vdc
0.93
0.95
1.00
1.05
1.08
1.15
160-450 Vdc
0.75
0.80
1.00
1.20
1.25
1.40


Similar Part No. - 381LQ182M160K042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LQ182M160K042 CDE-381LQ182M160K042 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

Similar Description - 381LQ182M160K042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com