Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LQ152M160A022 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 381LQ152M160A022
Description  105 C Compact, High-Ripple Snap-in
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

381LQ152M160A022 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  381LQ152M160A022 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LQ152M160A022 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LQ152M160A022 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LQ152M160A022 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LQ152M160A022 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LQ152M160A022 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LQ152M160A022 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
1000 381LQ102M180K022 0.199
0.090
2.20
3.08
30 x 30
680 381LQ681M250H052 0.244
0.110
1.70
2.38
22 x 50
1000 381LQ102M180A012 0.216
0.097
2.20
3.08
35 x 25
680 381LQ681M250J042 0.244
0.110
1.70
2.38
25 x 40
1200 381LQ122M180J452 0.166
0.075
2.30
3.22
25 x 45
680 381LQ681M250K022 0.244
0.110
1.70
2.38
30 x 30
1200 381LQ122M180K032 0.166
0.075
2.30
3.22
30 x 35
680 381LQ681M250A012 0.244
0.110
1.70
2.38
35 x 25
1500 381LQ152M180J052 0.133
0.060
2.50
3.50
25 x 50
820 381LQ821M250J452 0.202
0.091
2.00
2.80
25 x 45
1500 381LQ152M180K042 0.133
0.060
2.50
3.50
30 x 40
820 381LQ821M250K032 0.202
0.091
2.00
2.80
30 x 35
1500 381LQ152M180A022 0.155
0.077
2.50
3.50
35 x 30
820 381LQ821M250A022 0.202
0.091
2.00
2.80
35 x 30
1800 381LQ182M180K452 0.110
0.050
2.70
3.78
30 x 45
1000 381LQ102M250K042 0.166
0.075
2.20
3.08
30 x 40
1800 381LQ182M180A032 0.129
0.064
2.70
3.78
35 x 35
1200 381LQ122M250K452 0.138
0.062
2.30
3.22
30 x 45
2200 381LQ222M180K052 0.090
0.041
2.90
4.06
30 x 50
1500 381LQ152M250A452 0.110
0.050
2.50
3.50
35 x 45
2200 381LQ222M180A042 0.098
0.049
2.90
4.06
35 x 40
1800 381LQ182M250A052 0.092
0.041
2.70
3.78
35 x 50
2700 381LQ272M180A052 0.086
0.043
3.10
4.34
35 x 50
315 Vdc (365 Vdc Surge)
200 Vdc (250 Vdc Surge)
150 381LQ151M315H012 1.105
0.497
0.82
1.15
22 x 25
390 381LQ391M200H012 0.510
0.230
1.31
1.83
22 x 25
180 381LQ181M315H022 0.921
0.414
0.90
1.26
22 x 30
470 381LQ471M200H022 0.423
0.190
1.45
2.03
22 x 30
220 381LQ221M315H022 0.754
0.339
1.00
1.40
22 x 30
560 381LQ561M200H022 0.355
0.160
1.67
2.34
22 x 30
270 381LQ271M315J022 0.614
0.276
1.10
1.54
25 x 30
680 381LQ681M200H042 0.293
0.132
1.75
2.45
22 x 40
330 381LQ331M315H452 0.502
0.226
1.20
1.68
22 x 45
680 381LQ681M200J022 0.293
0.132
1.75
2.45
25 x 30
330 381LQ331M315J032 0.502
0.226
1.20
1.68
25 x 35
820 381LQ821M200H452 0.243
0.109
2.04
2.86
22 x 45
330 381LQ331M315K012 0.502
0.226
1.20
1.68
30 x 25
820 381LQ821M200J032 0.243
0.109
2.04
2.86
25 x 35
390 381LQ391M315J042 0.425
0.191
1.30
1.82
25 x 40
820 381LQ821M200K012 0.243
0.109
2.04
2.86
30 x 25
390 381LQ391M315K022 0.425
0.191
1.30
1.82
30 x 30
1000 381LQ102M200H052 0.199
0.090
2.30
3.22
22 x 50
390 381LQ391M315A012 0.425
0.191
1.30
1.82
35 x 25
1000 381LQ102M200J452 0.199
0.090
2.30
3.22
25 x 45
470 381LQ471M315J452 0.353
0.159
1.40
1.96
25 x 45
1000 381LQ102M200K022 0.199
0.090
2.30
3.22
30 x 30
470 381LQ471M315K032 0.353
0.159
1.40
1.96
30 x 35
1000 381LQ102M200A012 0.216
0.097
2.30
3.22
35 x 25
560 381LQ561M315J052 0.296
0.133
1.50
2.10
25 x 50
1200 381LQ122M200J052 0.166
0.075
2.65
3.71
25 x 50
560 381LQ561M315K042 0.296
0.133
1.50
2.10
30 x 40
1200 381LQ122M200K032 0.166
0.075
2.65
3.71
30 x 35
560 381LQ561M315A022 0.296
0.133
1.50
2.10
35 x 30
1200 381LQ122M200A022 0.180
0.090
2.65
3.71
35 x 30
680 381LQ681M315K452 0.244
0.116
1.70
2.38
30 x 45
1500 381LQ152M200K042 0.133
0.060
2.80
3.92
30 x 40
680 381LQ681M315A032 0.244
0.116
1.70
2.38
35 x 35
1500 381LQ152M200A022 0.114
0.072
2.80
3.92
35 x 30
820 381LQ821M315K052 0.202
0.091
2.00
2.80
30 x 50
1800 381LQ182M200K452 0.110
0.050
3.08
4.31
30 x 45
820 381LQ821M315A042 0.202
0.091
2.00
2.80
35 x 40
1800 381LQ182M200A042 0.129
0.084
3.08
4.31
35 x 40
1000 381LQ102M315A452 0.166
0.075
2.30
3.22
35 x 45
2200 381LQ222M200K052 0.090
0.041
3.48
4.87
30 x 50
350 Vdc (400 Vdc Surge)
2200 381LQ222M200A452 0.096
0.044
3.48
4.87
35 x 45
120 381LQ121M350H012 1.382
0.622
0.75
1.05
22 x 25
250 Vdc (300 Vdc Surge)
150 381LQ151M350H022 1.105
0.497
0.82
1.15
22 x 30
270 381LQ271M250H012 0.614
0.276
1.10
1.54
22 x 25
180 381LQ181M350H022 0.921
0.414
0.90
1.26
22 x 30
330 381LQ331M250H022 0.502
0.226
1.20
1.68
22 x 30
180 381LQ181M350J012 0.921
0.414
0.90
1.26
25 x 25
330 381LQ331M250J012 0.502
0.226
1.20
1.68
25 x 25
220 381LQ221M350H032 0.754
0.339
1.00
1.40
22 x 35
390 381LQ391M250H032 0.425
0.191
1.30
1.82
22 x 35
220 381LQ221M350J022 0.754
0.339
1.00
1.40
25 x 30
390 381LQ391M250J012 0.425
0.191
1.30
1.82
25 x 25
270 381LQ271M350J032 0.614
0.276
1.10
1.54
25 x 35
470 381LQ471M250H042 0.353
0.159
1.40
1.96
22 x 40
270 381LQ271M350K012 0.614
0.276
1.10
1.54
30 x 25
470 381LQ471M250J022 0.353
0.159
1.40
1.96
25 x 30
330 381LQ331M350J042 0.502
0.226
1.20
1.68
25 x 40
470 381LQ471M250K012 0.353
0.159
1.40
1.96
30 x 25
330 381LQ331M350K022 0.502
0.226
1.20
1.68
30 x 30
560 381LQ561M250H452 0.296
0.133
1.50
2.10
22 x 45
390 381LQ391M350J452 0.425
0.191
1.30
1.82
25 x 45
560 381LQ561M250J032 0.296
0.133
1.50
2.10
25 x 35
390 381LQ391M350K032 0.425
0.191
1.30
1.82
30 x 35
560 381LQ561M250K012 0.296
0.133
1.50
2.10
30 x 25
470 381LQ471M350J052 0.353
0.159
1.40
1.96
25 x 50


Similar Part No. - 381LQ152M160A022

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LQ152M160A022 CDE-381LQ152M160A022 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

Similar Description - 381LQ152M160A022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com