Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ852N-12DE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ852N-12DE
Description  MICROMINIATURE POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ852N-12DE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ852N-12DE Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ852N-12DE Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ852N-12DE Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ852N-12DE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
1 x 105 at 0.5 A, 125 VAC, Res.
1 x 105 at 2.0 A, 30 VDC, Res.
Operate Time
1 ms at nominal coil voltage
(typical)
Release Time (typical)
1 ms at nominal coil voltage
(with no coil suppression)
Bounce (typical)
At 10 mA contact current
1 ms at operate or release
Capacitance
< 2 pF at 10 KHz - coil to contacts
< 1 pF at 10 KHz - between open contacts
< 2 pF at 10 KHz - between contact sets
Dielectric Strength
See table
(at sea level)
Dropout
Greater than 10% of nominal coil voltage
Insulation Resistance
109 ohms min. at 25°C, 500 VDC,
50% RH
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
Operational, 20 g, 10–1,000 Hz
Shock
Operational, 50 g min., 11 ms
Non-destructive, 500 g min., 0.5 ms
Enclosure
P.B.T. polyester, UL 94 V-0
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
260°C (500°F)
Max. Solder Time
10 seconds
Weight
0.8 grams
Packing unit in pcs
50 per plastic tube, 1000 per carton box
1000 per reel, 1000 or 5000 per carton box
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-03-11
AZ852
MICROMINIATURE
POLARIZED RELAY
FEATURES
• Conforms to IEC60950/UL60950/EN60950
spacing and high breakdown voltage
Supplementary insulation
mains voltage 250 Vrms (SMT); 200 Vrms (THT)
Pollution Degree 2 (external); 1 (internal)
• Monostable and bistable (latching) coil versions available
• High dielectric and surge voltage:
2.5 KV surge (per Bellcore TA–NWT–001089)
2.5 KV surge (per FCC Part 68)
1,000 Vrms, open contacts
• Stable contact resistance for low level signal switching
• Epoxy sealed
• UL, CUR pending
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 60 W or 62.5 VA
Max. switched current: 2.0 A
Max. switched voltage: 220 VDC* or 250 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL/CUR
0.5 A at 125 VAC
2.0 A at 30 VDC
0.24 A at 220 VDC
Material
Palladium Ruthenium; gold clad
Resistance
< 50 milliohms initially at 20 mV, 10 mA
COIL (Polarized)
Power
At Pickup Voltage
79 mW (3–12 VDC)
(typical)
98 mW (24 VDC)
Max. Continuous
0.73 W at 20°C (68°F)
Dissipation
Temperature Rise
At nominal coil voltage
21°C (38°F) (3–12 VDC)
30°C (54°F) (24 VDC)
Temperature
Max. 115°C (239°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. Specifications subject to change without notice.
5. Ultrasonic cleaning is not recommended.
EU


Similar Part No. - AZ852N-12DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ852N.1.5DE ZETTLER-AZ852N.1.5DE Datasheet
332Kb / 4P
   MICROMINIATURE POLARIZED RELAY
AZ852N.12DE ZETTLER-AZ852N.12DE Datasheet
332Kb / 4P
   MICROMINIATURE POLARIZED RELAY
AZ852N.24DE ZETTLER-AZ852N.24DE Datasheet
332Kb / 4P
   MICROMINIATURE POLARIZED RELAY
AZ852N.3DE ZETTLER-AZ852N.3DE Datasheet
332Kb / 4P
   MICROMINIATURE POLARIZED RELAY
AZ852N.4.5DE ZETTLER-AZ852N.4.5DE Datasheet
332Kb / 4P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ852N-12DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com