Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMD27C64-150PI Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AMD27C64-150PI
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-150PI Datasheet(HTML) 4 Page - Advanced Micro Devices

  AMD27C64-150PI Datasheet HTML 1Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 2Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AMD
2-13
Am27C64
ORDERING INFORMATION
OTP Products
DEVICE NUMBER
Am27C64
64 Kilobit (8,192 x 8-Bit) CMOS OTP EPROM
Valid Combinations
AM27C64-90
AM27C64-120
AM27C64-150
AM27C64-200
AM27C64-255
PACKAGE TYPE
P = 28-Pin Plastic DIP (PD 028)
J = 32-Pin Rectangular Plastic Leaded Chip
Carrier (PL 032)
AMD Standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
C
P
-55
AM27C64
OPTIONAL PROCESSING
Blank = Standard Processing
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I
= Industrial (–40
°C to + 85°C)
E = Extended Commercial (–55
°C to +125°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
JC, PC,
JI, PI
AM27C64-70
AM27C64-55
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the lo-
cal AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combination.


Similar Part No. - AMD27C64-150PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
More results

Similar Description - AMD27C64-150PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
   8,192 x 8-BIT NMOS UV/OTP EPROM
logo
Advanced Micro Devices
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
   8,192 X 8 - BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com