Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ831-2C-6DSE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AZ831-2C-6DSE
Description  SUBMINIATURE DIP RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ831-2C-6DSE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZ831-2C-6DSE Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ831-2C-6DSE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
STANDARD COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER
VDC
VDC
± 10%
VDC
5
7.8
36
3.75
AZ821–2C–5DE
6
10.9
70
4.5
AZ821–2C–6DE
9
15.4
140
6.8
AZ821–2C–9DE
12
21.8
280
9.0
AZ821–2C–12DE
24
42.2
1050
18.0
AZ821–2C–24DE
48
82.5
4000
36.0
AZ821–2C–48DE
SENSITIVE COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER
VDC
VDC
± 10%
VDC
5
14.6
125
3.75
AZ831–2C–5DSE
6
17.5
180
4.5
AZ831–2C–6DSE
9
26.2
405
6.8
AZ831–2C–9DSE
12
35.0
720
9.0
AZ831–2C–12DSE
24
70.0
2,880
18.0
AZ831–2C–24DSE
48
140.0
11,520
36.0
AZ831–2C–48DSE
AZ821/AZ831
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
3/8/01W
MECHANICAL DATA
WIRING DIAGRAM
PC BOARD LAYOUT
1
16
.799
(20.3)
.010
(0.25)
.028
(0.72)
.450
(11.4)
.138
(3.5)
.398
(10.1)
.016
(.04)
.200
(5.08)
.200
(5.08)
.300
(7.62 )
.300
(7.62)
.0.39 DIA
(0.8)
8 HOLES
Viewed toward terminals
Viewed toward terminals
4
13
11
9
6
8
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ831-2C-6DSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ831-2C-6DSE ETC2-AZ831-2C-6DSE Datasheet
88Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ831-2C-6DSE AZETTLER-AZ831-2C-6DSE Datasheet
94Kb / 2P
   SUBMINIATURE DIP RELAY
More results

Similar Description - AZ831-2C-6DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
   SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
   SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD27 HONGFA-HFD27 Datasheet
58Kb / 3P
   SUBMINIATURE DIP RELAY
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
HFD2 ETC-HFD2 Datasheet
41Kb / 3P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
   SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
   SUBMINIATURE DIP RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com