Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ957-1C-3DE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ957-1C-3DE
Description  SUBMINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ957-1C-3DE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ957-1C-3DE Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ957-1C-3DE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPDT (1 Form C)
Crossbar contacts
Ratings
Resistive load:
Max. switched power:
30 W or 62.5 VA
Max. switched current:
1 A continous
2 A (30 s, 50% duty)
Max. switched voltage:
60 VDC* or 125 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
1.0 A at 30 VDC resistive
0.3 A at 60 VDC resistive
0.5 A at 125 VAC resistive
Material
Silver palladium, gold clad
Resistance
< 100 milliohms initially
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2004-08-22
AZ957
COIL
Power
At Pickup Voltage
Standard coil: 128 mW
(typical)
Sensitive coil:
96 mW
Max. Continuous
0.5 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
Standard coil
33°C (59°F) at nominal coil voltage
Sensitive coil
25°C (45°F) at nominal coil voltage
Temperature
Max. 105°C (221°F)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
10 million operations
Electrical
1 x 105 at 0.5 A 120 VAC Res.
Operate Time (typical)
Standard: 3 ms at nominal coil voltage
Sensitive: 5 ms at nominal coil voltage
Release Time (typical)
1 ms at nominal coil voltage
(with no coil suppression)
Capacitance
Coil to contact: 7.0 pF
Contact to contact: 7.0 pF
Bounce (typical)
At 10 mA contact current
2 ms at operate
8 ms at release
Dielectric Strength
1250 Vrms coil to contact
(at sea level for 1 min.) 400 Vrms between open contacts
Meets FCC Part 68.302 1500 V lightning surge
Meets FCC Part 68.304 1000 V dielectric
Insulation
100 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Standard: -40°C (-40°F) to 70°C (158°F)
Sensitive: -40°C (-40°F) to 80°C (176°F)
Storage
Both: -40°C (-40°F) to 105°C (221°F)
Vibration
0.13" (3.3 mm) DA at 10–55 Hz
Shock
10 g
Enclosure
P.E.T. polyester
Terminals
Tinned copper alloy
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Immersion Time
30 seconds
Weight
2.2 grams
Packing unit in pcs
20 per plastic tube / 1000 per carton box
SUBMINIATURE
PC BOARD RELAY
FEATURES
• Subminiature size for high density packaging
• DIL pitch terminals
• Epoxy sealed for automatic wave soldering
• High sensitivity: 150 mW nominal with 96 mW pickup
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• UL, CUR file E43203
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ957-1C-3DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ957-1C-3DE AZETTLER-AZ957-1C-3DE Datasheet
108Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ957-1C-3DE ZETTLER-AZ957-1C-3DE Datasheet
54Kb / 2P
   SUBMINIATURE PC BOARD RELAY
More results

Similar Description - AZ957-1C-3DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ957 ZETTLER-AZ957 Datasheet
54Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ9571 AZETTLER-AZ9571 Datasheet
103Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ955 AZETTLER-AZ955 Datasheet
80Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ957 AZETTLER-AZ957 Datasheet
108Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ5 AZETTLER-AZ5 Datasheet
94Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ955 ZETTLER-AZ955 Datasheet
89Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ955 ETC-AZ955 Datasheet
41Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
Nais(Matsushita Electri...
HA1-AC115 NAIS-HA1-AC115 Datasheet
60Kb / 3P
   COST SAVING SUBMINIATURE PC BOARD RELAYS
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com