Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8550CEEVB210Y Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8550CEEVB210Y
Description  Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8550CEEVB210Y Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8550CEEVB210Y Datasheet HTML 1Page - Analog Microelectronics AME8550CEEVB210Y Datasheet HTML 2Page - Analog Microelectronics AME8550CEEVB210Y Datasheet HTML 3Page - Analog Microelectronics AME8550CEEVB210Y Datasheet HTML 4Page - Analog Microelectronics AME8550CEEVB210Y Datasheet HTML 5Page - Analog Microelectronics AME8550CEEVB210Y Datasheet HTML 6Page - Analog Microelectronics AME8550CEEVB210Y Datasheet HTML 7Page - Analog Microelectronics AME8550CEEVB210Y Datasheet HTML 8Page - Analog Microelectronics AME8550CEEVB210Y Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AME, Inc.
4
Voltage Detector
AME8550
AME8550 x x x x x xxx x
Package Type
Operating Temperature
Pin Out Configuration
Number of Pins
Detect Voltage
Special Feature
Output Options
n Ordering Information
l With Delay Time
A
1. VOUT E: -40OC to 85OC E: SOT-2X T: 3
C: CMOS output with delay
190: V=1.9V
L: Low profile
(SOT-25)
2. VDD
F: SOT-89 V: 5
D: Open-Drain output with
200: V=2.0V
Y: Lead free
3. VSS
delay
220: V=2.2V
& Low profile
4. CD
230: V=2.3V
Z: Lead free
5. NC
240: V=2.4V
250: V=2.5V
B
1. VOUT
263: V=2.63V
2. VDD
270: V=2.7V
3. VSS
280: V=2.8V
4. NC
360: V=3.6V
5. CD
370: V=3.7V
420: V=4.2V
440: V=4.4V
460: V=4.6V
Output Options
Detect
Voltage
Special
Feature
Pin
Configuration
Operating
Temperature
Range
Package
Type
Number
of
Pins


Similar Part No. - AME8550CEEVB210Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Similar Description - AME8550CEEVB210Y

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com