Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT41485 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # AT41485
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41485 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  AT41485 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41485 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41485 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41485 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41485 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41485 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
85 Plastic Package Dimensions
1
3
4
2
5
° TYP.
45
°
EMITTER
EMITTER
COLLECTOR
BASE
.085
2.15
.286
± .030
7.36
± .76
Notes:
(unless otherwise specified)
1. Dimensions are in
2. Tolerances
in .xxx =
± 0.005
mm .xx =
± 0.13
mm
.020
.51
.07
0.43
.060
± .010
1.52
± .25
.006
± .002
.15
± .05
0.143
± 0.015
3.63
± 0.38


Similar Part No. - AT41485

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT41486 HP-AT41486 Datasheet
59Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results

Similar Description - AT41485

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41486 HP-AT-41486 Datasheet
59Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41470 HP-AT-41470 Datasheet
55Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41435G AVAGO-AT-41435G Datasheet
153Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41535 AVAGO-AT-41535 Datasheet
136Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 AVAGO-AT-41486 Datasheet
104Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41435B TELEDYNE-PHT41435B Datasheet
108Kb / 2P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-41435 HP-AT-41435 Datasheet
56Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41485 HP-AT-41485 Datasheet
54Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41410B TELEDYNE-PHT41410B Datasheet
142Kb / 2P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-41410 HP-AT-41410 Datasheet
55Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com