Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMD27C64-200DE Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AMD27C64-200DE
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-200DE Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AMD27C64-200DE Datasheet HTML 2Page - Advanced Micro Devices AMD27C64-200DE Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-200DE Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-200DE Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-200DE Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-200DE Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-200DE Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-200DE Datasheet HTML 9Page - Advanced Micro Devices AMD27C64-200DE Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AMD
2-15
Am27C64
Output OR-Tieing
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
s Low memory power dissipation
s Assurance that output bus contention will not occur
It is recommended that
CE be decoded and used as the
primary device-selecting function, while
OE be made a
common connection to all devices in the array and con-
nected to the READ line from the system control bus.
This assures that all deselected memory devices are in
low-power standby mode and that the output pins are
only active when data is desired from a particular
memory device.
System Applications
During the switch between active and standby condi-
tions, transient current peaks are produced on the rising
and falling edges of Chip Enable. The magnitude of
these transient current peaks is dependent on the out-
put capacitance loading of the device. At a minimum, a
0.1-
µF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and VSS to minimize transient effects. In addition, to
overcome the voltage drop caused by the inductive ef-
fects of the printed circuit board traces on EPROM ar-
rays, a 4.7-
µF bulk electrolytic capacitor should be used
between VCC and VSS for each eight devices. The loca-
tion of the capacitor should be close to where the power
supply is connected to the array.
MODE SELECT TABLE
CE
OE
PGM
A0
A9
VPP
Outputs
Read
VIL
VIL
XX
X
X
DOUT
Output Disable
X
VIH
X
X
X
X
High-Z
Standby (TTL)
VIH
X
X
X
X
X
High-Z
Standby (CMOS)
VCC
± 0.3 V
X
X
X
X
X
High-Z
Program
VIL
XVIL
XX
VPP
DIN
Program Verify
VIL
VIL
VIH
XX
VPP
DOUT
Program Inhibit
VIH
XX
X
X
VPP
High-Z
Manufacturer
Code
VIL
VIL
XVIL
VH
X
01H
Device Code
VIL
VIL
XVIH
VH
X
15H
Auto Select
(Note 3)
Mode
Pins
Notes:
1. VH = 12.0 V
± 0.5 V
2. X = Either VIH or VIL
3. A1–A8 = A10–A12 = VIL
4. See DC Programming Characteristics for VPP voltage during programming.


Similar Part No. - AMD27C64-200DE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
More results

Similar Description - AMD27C64-200DE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
   8,192 x 8-BIT NMOS UV/OTP EPROM
logo
Advanced Micro Devices
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
   8,192 X 8 - BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com