Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LQ152M080J012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 381LQ152M080J012
Description  105 C Compact, High-Ripple Snap-in
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

381LQ152M080J012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  381LQ152M080J012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LQ152M080J012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LQ152M080J012 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LQ152M080J012 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LQ152M080J012 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LQ152M080J012 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LQ152M080J012 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
Typical Performance Curves
Ratings
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
10 Vdc (13 Vdc Surge)
16 Vdc (20 Vdc Surge)
12000 381LQ123M010H012 0.076
0.065
2.20
2.53 22 x 25 10000 381LQ103M016H012 0.075 0.063 2.60
2.99
22 x 25
18000 381LQ183M010H022 0.051
0.043
2.40
2.76 22 x 30 12000 381LQ123M016H022 0.062 0.053 2.90
3.34
22 x 30
18000 381LQ183M010H012 0.051
0.043
2.40
2.76 25 x 25 12000 381LQ123M016J012 0.062 0.053 2.90
3.34
25 x 25
22000 381LQ223M010H032 0.041
0.035
2.60
2.99 22 x 35 15000 381LQ153M016H032 0.050 0.042 3.20
3.68
22 x 35
22000 381LQ223M010J022 0.041
0.035
2.60
2.99 25 x 30 18000 381LQ183M016H042 0.041 0.035 3.50
4.03
22 x 40
27000 381LQ273M010H042 0.034
0.029
3.10
3.57 22 x 40 18000 381LQ183M016J022 0.041 0.035 3.50
4.03
25 x 30
27000 381LQ273M010J032 0.034
0.029
3.10
3.57 25 x 35 22000 381LQ223M016H452 0.034 0.029 3.80
4.37
22 x 45
27000 381LQ273M010K012 0.034
0.029
3.10
3.57 30 x 25 22000 381LQ223M016J032 0.034 0.029 3.80
4.37
25 x 35
33000 381LQ333M010H452 0.028
0.023
3.40
3.91 22 x 45 22000 381LQ223M016H012 0.034 0.029 3.80
4.37
30 x 25
33000 381LQ333M010J042 0.028
0.023
3.40
3.91 25 x 40 27000 381LQ273M016H052 0.028 0.023 4.20
4.83
22 x 50
39000 381LQ393M010J452 0.026
0.022
3.70
4.26 25 x 45 27000 381LQ273M016J042 0.028 0.023 4.20
4.83
25 x 40
39000 381LQ393M010K022 0.026
0.023
3.70
4.26 30 x 30 27000 381LQ273M016K022 0.028 0.023 4.20
4.83
30 x 30
39000 381LQ393M010A012 0.026
0.022
3.70
4.26 35 x 25 27000 381LQ273M016A012 0.028 0.023 4.20
4.83
35 x 25
47000 381LQ473M010J052 0.024
0.021
4.20
4.83 25 x 50 33000 381LQ333M016J452 0.023 0.019 4.70
5.41
25 x 45
47000 381LQ473M010K032 0.024
0.022
4.20
4.83 30 x 35 33000 381LQ333M016K032 0.023 0.019 4.70
5.41
30 x 35
47000 381LQ473M010A022 0.024
0.021
4.20
4.83 35 x 30 33000 381LQ333M016A022 0.023 0.020 4.70
5.41
35 x 30
56000 381LQ563M010K042 0.023
0.021
5.00
5.75 30 x 40 39000 381LQ393M016K042 0.022 0.018 5.10
5.87
30 x 40
56000 381LQ563M010A032 0.023
0.020
5.00
5.75 35 x 35 39000 381LQ393M016A032 0.022 0.020 5.10
5.87
35 x 35
68000 381LQ683M010K452 0.022
0.020
5.40
6.21 30 x 45 47000 381LQ473M016K452 0.016 0.014 5.50
6.33
30 x 45
68000 381LQ683M010A042 0.022
0.019
5.40
6.21 35 x 40 47000 381LQ473M016A042 0.021 0.019 5.50
6.33
35 x 40
82000 381LQ823M010A452 0.021
0.019
6.10
7.02 35 x 45 56000 381LQ563M016K052 0.020 0.018 6.00
6.90
30 x 50
100000 381LQ104M010A052 0.020
0.019
6.90
7.94 35 x 50 56000 381LQ563M016A452 0.020 0.018 6.00
6.90
35 x 45
Life Test, 105
°C, Full Load, 1500 ∝F, 200 V
-10
-5
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
3500
4000
Test Hours
0
30
60
90
120
150
180
DF
DCL
. C
Type 381LQ Operating Life vs Ripple Current
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
45°C
55°C
65°C
75°C
85°C
95°C
105°C
-10
-5
0
5
10
15
20
25
30
35
0
2000
4000
6000
8000
10000
Test Hours
DCL
DF
C


Similar Part No. - 381LQ152M080J012

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LQ152M080J012 CDE-381LQ152M080J012 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

Similar Description - 381LQ152M080J012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com