Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMD27C64-120DE Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AMD27C64-120DE
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-120DE Datasheet(HTML) 2 Page - Advanced Micro Devices

  AMD27C64-120DE Datasheet HTML 1Page - Advanced Micro Devices AMD27C64-120DE Datasheet HTML 2Page - Advanced Micro Devices AMD27C64-120DE Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-120DE Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-120DE Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-120DE Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-120DE Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-120DE Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-120DE Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AMD
2-11
Am27C64
PRODUCT SELECTOR GUIDE
Family Part No.
Am27C64
Ordering Part No:
VCC
± 5%
-255
VCC
± 10%
-45
-55
-70
-90
-120
-150
-200
Max Access Time (ns)
45
55
70
90
120
150
200
250
CE (E) Access Time (ns)
45
55
70
90
120
150
200
250
OE (G) Access Time (ns)
30
35
40
40
50
50
50
50
CONNECTION DIAGRAMS
Top View
DIP
Notes:
1. JEDEC nomenclature is in parentheses.
PLCC
VPP
VCC
A9
A11
A12
PGM (P)
A8
DQ7
1
3
5
7
9
11
12
10
2
4
8
6
13
14
28
26
24
22
20
18
17
19
27
25
21
23
16
15
A7
A6
A5
A4
A3
A2
A1
A0
VSS
DQ2
DQ1
DQ0
OE (G)
A10
CE (E)
DQ6
DQ5
DQ4
DQ3
NC
11419D-2
11419D-3
131 30
2
3
4
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
32
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
A8
A9
A11
NC
OE (G)
A10
CE (E)
DQ7
DQ6
LOGIC SYMBOL
PIN DESIGNATIONS
A0–A12
=
Address Inputs
CE (E)
=
Chip Enable
DQ0–DQ7
=
Data Inputs/Outputs
OE (G)
=
Output Enable Input
PGM (P)
=
Program Enable Input
VCC
=VCC Supply Voltage
VPP
=
Program Voltage Input
VSS
=
Ground
NC
=
No Internal Connection
DU
=
No External Connection (Don’t Use)
11419D-4
CE (E)
OE (G)
DQ0–DQ7
A0–A12
13
8
PGM (P)


Similar Part No. - AMD27C64-120DE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
More results

Similar Description - AMD27C64-120DE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
   8,192 x 8-BIT NMOS UV/OTP EPROM
logo
Advanced Micro Devices
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
   8,192 X 8 - BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com