Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-513GT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AL-513GT
Description  LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL-513GT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AL-513GT Datasheet HTML 1Page - List of Unclassifed Manufacturers AL-513GT Datasheet HTML 2Page - List of Unclassifed Manufacturers AL-513GT Datasheet HTML 3Page - List of Unclassifed Manufacturers AL-513GT Datasheet HTML 4Page - List of Unclassifed Manufacturers AL-513GT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A-BRIGHT A-BRIGHT INDUSTRIAL CO.,LTD.
Part No.
AL-513GT
Diff No.
5 mm
Type
LED Lamps
3
Reliability test items and conditions :
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size Ac/Re
1
Solder Heat
TEMP : 260℃ ±5℃
5 SEC
76 PCS
0/1
2
Temperature Cycle
H:+85℃ 30min
∫5min
L:-55℃ 30min
50 CYCLES
76 PCS
0/1
3
Thermal Shock
H:+100℃ 5min
∫10set
L:-10℃ 5min
50 CYCLES
76 PCS
0/1
4
High Temperature
Storage
TEMP : 100C℃
1000 HRS
76 PCS
0/1
5 Low Temperature Storage
TEMP : -55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
TEMP :25℃
IF=20mA
1000 HRS
76 PCS
0/1
7
High Temperature/High
Humidity
85℃/85%RH
1000 HRS
76 PCS
0/1


Similar Part No. - AL-513GT

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513GT A-BRIGHT-AL-513GT Datasheet
310Kb / 5P
   5mm Round LED Lamps
2006/9/26
AL-513GT A-BRIGHT-AL-513GT_10 Datasheet
264Kb / 5P
   5mm Round LED Lamps
2010/5/5
More results

Similar Description - AL-513GT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com