Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8850 Datasheet(PDF) 84 Page - Asahi Kasei Microsystems

Part # AK8850
Description  NTSC Digital Video Decoder
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8850 Datasheet(HTML) 84 Page - Asahi Kasei Microsystems

Back Button AK8850 Datasheet HTML 80Page - Asahi Kasei Microsystems AK8850 Datasheet HTML 81Page - Asahi Kasei Microsystems AK8850 Datasheet HTML 82Page - Asahi Kasei Microsystems AK8850 Datasheet HTML 83Page - Asahi Kasei Microsystems AK8850 Datasheet HTML 84Page - Asahi Kasei Microsystems AK8850 Datasheet HTML 85Page - Asahi Kasei Microsystems AK8850 Datasheet HTML 86Page - Asahi Kasei Microsystems AK8850 Datasheet HTML 87Page - Asahi Kasei Microsystems AK8850 Datasheet HTML 88Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
ASAHI KASEI
[AK8850]
SATURATION CONTROL REGISTER ( R / W ) [ SUB ADDRESS : 0x14 ]
This register controls Saturation adjustments.
Default value ( 0x80 ) corresponds to un-adjusted condition.
Sub Address 0x14
Default Value : 0x80
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 0
SAT6
SAT5
SAT4
SAT3
SAT2
SAT1
SAT0
Default Value
1
0
0
0
0
0
0
0
bit 1
SAT7
Saturation Control Register Definition
BIT
Register Name
R/W
Definition
bit 0
~
bit 7
SAT0
~
SAT7
Saturation Control bit
R/W
Saturation adjustment range is 0 to 2 by 1/256
step. It corresponds to the range between -
∞ to
6dB.
HUE CONTROL REGISTER ( R / W ) [ SUB ADDRESS : 0x15 ]
This register controls HUE adjustments.
Default value ( 0x00) corresponds to un-adjusted condition.
This register set is valid only when the Composite signal and YC signal are input ( it is invalid with Component input
signasl ).
Sub Address 0x15
Default Value : 0x00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
HUE6
HUE5
HUE4
HUE3
HUE2
HUE1
HUE0
Default Value
0
0
0
0
0
0
0
HUE7
0
HUE Control Register Definition
BIT
Register Name
R/W
Definition
bit 0
~
bit 7
HUE0
~
HUE7
HUE Control bit
R/W
The range of Hue adjustment can be set form
-90deg. to 90deg. by 1/256 Step
Set with 2’s complement value.
Rev.0
84
2003/01


Similar Part No. - AK8850

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851VQ AKM-AK8851VQ Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853VN AKM-AK8853VN Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
More results

Similar Description - AK8850

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
   NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
logo
OKI electronic componet...
MSM7660 OKI-MSM7660 Datasheet
269Kb / 35P
   Digital Video Decoder (NTSC/PAL Compatible)
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com